Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK1117 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AHK1117
Description  1 Amp Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK1117 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AHK1117 Datasheet HTML 1Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 2Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 3Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 4Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 5Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 6Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 7Page - Advanced Analogic Technologies AHK1117 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AHK1117
1 Amp Linear Regulator
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086
(408)524-9684 Fax (408)524-9689
ANALOGIC
TECH
TM
1117.2000.05.0.92
Electrical Characteristics AHK1117-3.3 (fixed)(TJ=25
°C unless otherwise noted)
Symbol
Description
Conditions
Min
Typ
Max
Units
TJ=25
°C
3.270
3.30
3.330
VOUT
Output Voltage
VIN = 5V, IOUT = 0A
Full temp
3.234
3.30
3.336
V
VIN = 4.75 - 7V,
IOUT = 0A
TJ=25
°C
0.2
TJ=25
°C
0.3
∆VOUT/
VOUT
Line Regulation
VIN = 4.75 - 15V,
IOUT = 0A
Full temp
0.4
%
TJ=25
°C
0.05
0.3
∆VOUT/
VOUT
Load Regulation
VIN = 5V,
IOUT = 0A -1A
Full temp
0.2
0.4
%
VDO
Dropout Voltage
1
IOUT = 0A -1A,
∆VOUT = ±1%,
Full temp
1.0
1.2
V
ILIM
Current Limit
VIN = 4.75 - 7V, Full temp
1.0
A
IQ
Quiescent Current
VIN = 5V, IOUT = 0-1A, Full temp
6
13
mA
TC
Ouput Voltage Temp. Coeff.
VIN = 4.75 - 7V, IOUT = 0 - 1A
0.005
%/
°C
∆V/∆T
Temperature Stability
VIN = 5V, IOUT = 100mA, Full temp
0.5
%
VN
RMS Output Noise
TJ = 25
°C
0.003
%VOUT
PSRR
Ripple Rejection Ratio
VIN = 5V, IOUT = 1A, Full temp
60
72
dB
Note 1: VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
2-3


Similar Part No. - AHK1117

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AHK1 HAMMOND-AHK1 Datasheet
77Kb / 2P
   Quality Products. Service Excellence
More results

Similar Description - AHK1117

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1117 ANALOGICTECH-AAT1117 Datasheet
65Kb / 8P
   1 Amp Linear Regulator
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com