Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y14870R12400B0R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y14870R12400B0R
Description  Vishay Foil Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y14870R12400B0R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y14870R12400B0R Datasheet HTML 1Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 2Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 3Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 4Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 5Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 6Page - Vishay Siliconix Y14870R12400B0R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bulk Metal® Technology High Precision, Current Sensing, Power
Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ,
Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
CSM Series
Vishay Foil Resistors
Document Number: 63089
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 3-May-11
1
No minimum order quantity and any value at any
tolerance available within resistance range.
Vishay Foil Resistors’ application engineering department is
available to advise and make recommendations.
For non-standard technical requirements and special
applications, please contact foil@vishaypg.com.
I
A
R
Zin
I
D
V
=~
BC
Four terminal (Kelvin) design: allows for precise and
accurate measurements.
FIGURE 1 - POWER DERATING CURVE
- 65 - 50
- 25
0
25
50
75
100
125
150
170
Ambient Temperature (°C)
100
80
60
40
20
0
+ 70 °C
FEATURES
• Temperature coefficient of resistance:
± 15 ppm/°C max. (- 55 °C to + 125 °C, + 25 °C
ref.); ± 10 ppm/°C max. (- 55 °C to + 125 °C,
+ 25 °C ref.) is available on request (see table 1)
• Power rating: 1 W to 3 W
• Resistance tolerance: ± 0.1 %
• Resistance range: 1 mΩ to 200 mΩ (1)
• Vishay Foil resistors are not restricted to standard values,
specific “as required” values can be supplied at no extra
cost or delivery (e.g. 2.3456 m
Ω vs. 2 mΩ)
• Load life stability to ± 0.2 % (70 °C, 2000 h at rated power)
• Short time overload: ± 0.1 % typical
• Thermal EMF: 3 µV/°C (DC offset error, significant for low
values)
• Maximum current: up to 54 A
• Proprietary processing techniques produce low TCR, tight
tolerance and improve stability
• Low inductance < 5 nH
• Solderable terminations
• Excellent frequency response to 50 MHz
• Matched sets are available on request
• Screening in accordance with EEE-INST002 available
(per MIL-PRF-55342 and MIL-PRF-49465; see 303144
and 303145 datasheets)
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Prototype quantities available in just 5 working days
or sooner. For more information, please contact
foil@vishaypg.com
• For better performance please contact Application
Engineering
• Compliant to RoHS directive 2002/95/EC
TABLE 1 - SPECIFICATIONS
PARAMETER
CSM2512
CSM3637
Resistance Range
1 m
Ω to 200 mΩ (1)
Power Rating at 70 °C
1 W (2)
3 W ( 1 m
Ω to 10 mΩ)
2 W (> 10 m
Ω to 200 mΩ)
Maximum Current (3)
31 A
54 A
Tolerance
± 0.5 % (1 m
Ω to < 3 mΩ)
± 0.1 % (3 m
Ω to 200 mΩ)
± 0.5 % (1 m
Ω to < 2 mΩ)
± 0.1 % (2 m
Ω to 200 mΩ)
Temperature Coefficient
Max. (- 55 °C to + 125 °C,
+ 25 °C Ref.)
± 50 ppm/°C (1 m
Ω to < 3 mΩ)
± 15 ppm/°C (3 m
Ω to 200 mΩ)
± 10 ppm/°C (3 m
Ω to 10 mΩ) is available on request (4)
± 25 ppm/°C (1 m
Ω to < 3 mΩ)
± 15 ppm/°C (3 m
Ω to 200 mΩ)
± 10 ppm/°C (1 m
Ω to 10 mΩ) is available on request (4)
Operating Temperature
Range
- 65 °C to + 170 °C
Maximum Working Voltage
(P x R)1/2
Weight (Maximum)
0.09 g
0.29 g
Notes
(1) For CSM2512 up to 500 m
Ω please contact application engineering: foil@vishaypg.com
(2) For values above 0.1
Ω derate linearly to 80 % rated power at 0.5 Ω
(3) Maximum current for a given resistance value is calculated using I
PR
=
(4) Please contact application engineering: foil@vishaypg.com
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - Y14870R12400B0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
More results

Similar Description - Y14870R12400B0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240_10 Datasheet
476Kb / 5P
   Vishay Foil Resistors
Revision: 23-Mar-10
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com