Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCG104VGLAAANN-AN00 Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # TCG104VGLAAANN-AN00
Description  10.4 inch VGA transmissive color TFT with LED backlight
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG104VGLAAANN-AN00 Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

Back Button TCG104VGLAAANN-AN00 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG104VGLAAANN-AN00 Datasheet HTML 10Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Spec No.
TQ3C-8EAF0-E1YAG23-00
Part No.
TCG104VGLAAANN-AN00
Page
3
M407011
5. Electrical characteristics
Temp. = -20∼70°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
1)
VDD
-
3.0
3.3
3.6
V
Current consumption
IDD
2)
-
150
185
mA
Permissive input ripple voltage
VRP
-
-
-
100
mVp-p
Input signal voltage
3)
VIL
"Low" level
0
-
0.8
V
VIH
"High" level
2.0
-
VDD
V
1) VDD-turn-on conditions
0<t1≦20ms
0<t2≦50ms
0<t3≦1s
2) Display pattern:
VDD = 3.3V, Temp. = 25°C
123 456 789
・・・・・・・・・・・・・1918 1919 1920(dot)
1
2
3
:
:
:
479
480
(dot)
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■■■
3) Input signal : CK, R0∼R5, G0∼G5, B0∼B5, HSYNC, VSYNC, ENAB, R/L, U/D
3.0V
3.0V
0.3V
t1
t2
t3
Signal 3)


Similar Part No. - TCG104VGLAAANN-AN00

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG104VGLAAANN-AN00

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
363Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLPEANN-AN60 KSS-TCG104VGLPEANN-AN60 Datasheet
560Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN30 KSS-TCG104VGLABANN-AN30 Datasheet
647Kb / 23P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLACANN-AN00 KSS-TCG104VGLACANN-AN00 Datasheet
612Kb / 23P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104SVLQAPNN-AN20 KSS-TCG104SVLQAPNN-AN20 Datasheet
621Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLQJPNN-AN41 KSS-TCG104SVLQJPNN-AN41 Datasheet
746Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104XGLPAPNN-AN30 KSS-TCG104XGLPAPNN-AN30 Datasheet
480Kb / 28P
   10.4 inch XGA transmissive color TFT with LED backlight
TCG104SVLPAANN-AN20 KSS-TCG104SVLPAANN-AN20 Datasheet
560Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104XGLPAPNN-AN40 KSS-TCG104XGLPAPNN-AN40 Datasheet
483Kb / 28P
   10.4 inch XGA transmissive color TFT with LED backlight
TCG084VGLAAANN-AN50 KSS-TCG084VGLAAANN-AN50 Datasheet
362Kb / 21P
   8.4 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com