Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFJ11-1G01ERL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFJ11-1G01ERL
Description  1x1 Tab-Down Gigabit Short Body RJ45
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFJ11-1G01ERL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFJ11-1G01ERL Datasheet HTML 1Page - List of Unclassifed Manufacturers HFJ11-1G01ERL Datasheet HTML 2Page - List of Unclassifed Manufacturers HFJ11-1G01ERL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FastJack
1x1 Tab-Down Gigabit Short Body RJ45
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
Gigabit (10/100/1000) Ethernet RJ45
IEEE802.3ab Compliant
350uH min OCL at 8mA DC Bias Across the
Full Temp Range
30µ” Gold Plating (min) on Contacts
100% Compliance Testing
1500Vrms Hi-Pot
Proprietary Robust Contact Design
RoHS
Compliant
Conflict
FREE
Part Number
Standard Temp
Extended Temp
LED’s
Return Loss (min)
PHY
Drive
(0 to 70°C)
(-40 to +85°C)
Circuit (L/R) 1-40MHz 60MHz 80MHz 100MHz
HFJ11-1G01ERL
HFJ11-E1G01ERL
A
None
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G01E-L11RL
HFJ11-E1G01E-L11RL
A
G/G
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G01E-L12RL
HFJ11-E1G01E-L12RL
A
G/Y
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G06ERL
HFJ11-E1G06ERL
B
None
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G06E-L11RL
HFJ11-E1G06E-L11RL
B
G/G
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G06E-L12RL
HFJ11-E1G06E-L12RL
B
G/Y
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G11ERL*
HFJ11-E1G11ERL
C
None
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G11E-L11RL* HFJ11-E1G11E-L11RL
C
G/G
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G11E-L12RL* HFJ11-E1G11E-L12RL
C
G/Y
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G16ERL*
HFJ11-E1G16ERL
D
None
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G16E-L11RL* HFJ11-E1G16E-L11RL
D
G/G
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G16E-L12RL* HFJ11-E1G16E-L12RL
D
G/Y
-18dB
-14dB
-12dB
-10dB
Current
HFJ11-1G41ERL*
HFJ11-E1G41ERL
E
None
-18dB
-14dB
-12dB
-10dB
Voltage
HFJ11-1G41E-L11RL* HFJ11-E1G41E-L11RL
E
G/G
-18dB
-14dB
-12dB
-10dB
Voltage
HFJ11-1G41E-L12RL* HFJ11-E1G41E-L12RL
E
G/Y
-18dB
-14dB
-12dB
-10dB
Voltage
HFJ11-1G46ERL*
HFJ11-E1G46ERL
F
None
-18dB
-14dB
-12dB
-10dB
Voltage
HFJ11-1G46E-L11RL* HFJ11-E1G46E-L11RL
F
G/G
-18dB
-14dB
-12dB
-10dB
Voltage
HFJ11-1G46E-L12RL* HFJ11-E1G46E-L12RL
F
G/Y
-18dB
-14dB
-12dB
-10dB
Voltage
*Recommended for New Designs
Notes:
1. LED Key : G = Green, Y = Yellow
2. Other LED colors, bi-colors, polarities, and current limiting versions available
3. Unshielded and without ground shield tabs available
4. Part specific datasheets available
5. Tab-up versions avaliable
6. The 1G11 and 1G16 circuits are recommended for new designs when using current drive PHYs
ü


Similar Part No. - HFJ11-1G01ERL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFJ11-1G01ERL ETC2-HFJ11-1G01ERL Datasheet
417Kb / 3P
   1x1 Tab-Down Gigabit Short Body RJ45
More results

Similar Description - HFJ11-1G01ERL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFJ14-2450ERL ETC2-HFJ14-2450ERL Datasheet
417Kb / 3P
   1x1 Tab-Down Gigabit Short Body RJ45
logo
HALO Electronics, Inc.
HFJT1-1G01RL HALO-HFJT1-1G01RL Datasheet
506Kb / 3P
   1x1 Tab-Up Gigabit Short Body RJ45
HFJ11-2G48ERL HALO-HFJ11-2G48ERL Datasheet
447Kb / 2P
   1x1 Tab-Down 2.5G and 5G Short Body RJ45
HFJT1-1G16C3RL HALO-HFJT1-1G16C3RL Datasheet
447Kb / 2P
   1x1 Tab-Up Gigabit Long Body RJ45
logo
Pulse A Technitrol Comp...
J403 PULSE-J403 Datasheet
1Mb / 6P
   1x1 Tab-DOWN RJ45
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J434 PULSE-J434 Datasheet
576Kb / 3P
   1x1 Tab-DOWN RJ45
logo
HALO Electronics, Inc.
HFJT1-1GPRL HALO-HFJT1-1GPRL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
logo
Pulse A Technitrol Comp...
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com