Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK432 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AHK432
Description  Adjustable Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK432 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AHK432 Datasheet HTML 1Page - Advanced Analogic Technologies AHK432 Datasheet HTML 2Page - Advanced Analogic Technologies AHK432 Datasheet HTML 3Page - Advanced Analogic Technologies AHK432 Datasheet HTML 4Page - Advanced Analogic Technologies AHK432 Datasheet HTML 5Page - Advanced Analogic Technologies AHK432 Datasheet HTML 6Page - Advanced Analogic Technologies AHK432 Datasheet HTML 7Page - Advanced Analogic Technologies AHK432 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics
(Unless otherwise noted, TA = 25°C, IZ = 10mA)
Ratio of
∆V
REF /
∆V
Z vs. Temperature
-600
-500
-400
-300
-200
-100
0
-50
-25
0
25
50
75
100
125
Junction Temperature (
°C)
IZ=10mA
dVZ=VREF to 16V
Cathode Current vs.Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Junction Temperature (
°C)
VZ=5V
VREF=0V
(Off-state)
Reference Current vs. Temperature
0
20
40
60
80
100
120
140
160
180
-50
-25
0
25
50
75
100
125
Junction Temperatur e (
°C)
IZ=10mA
R1=10k
R2=Open
Reference Voltage vs.Temperature
1.232
1.236
1.24
1.244
1.248
1.252
-50
-25
0
25
50
75
100
125
Junction Temperature (
°C)
IZ=10mA
Cathode Current vs. Cathode Voltage
-200
-150
-100
-50
0
50
100
150
200
-1
-0.5
0
0.5
1
1.5
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
-15
-10
-5
0
5
10
15
-1
-0.5
0
0.5
1
1.5
Cathode Voltage ( V)
AHK432
Adjustable Low Voltage Shunt Regulator
4
432.2001.11.0.96


Similar Part No. - AHK432

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432IGV-.5-T1 AAT-AHK432IGV-.5-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432IGV-.5-T1 ANALOGICTECH-AHK432IGV-.5-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432IGV-1-T1 AAT-AHK432IGV-1-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results

Similar Description - AHK432

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com