Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK432 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AHK432
Description  Adjustable Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK432 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AHK432 Datasheet HTML 1Page - Advanced Analogic Technologies AHK432 Datasheet HTML 2Page - Advanced Analogic Technologies AHK432 Datasheet HTML 3Page - Advanced Analogic Technologies AHK432 Datasheet HTML 4Page - Advanced Analogic Technologies AHK432 Datasheet HTML 5Page - Advanced Analogic Technologies AHK432 Datasheet HTML 6Page - Advanced Analogic Technologies AHK432 Datasheet HTML 7Page - Advanced Analogic Technologies AHK432 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch
General Description
The AHK432 is a low voltage adjustable shunt refer-
ence with thermal stability guaranteed over the full
industrial temperature range. This 3-terminal regula-
tor has an output voltage range that extends from
VREF (1.24V) to 20V, giving designers outstanding
flexibility in the development of power supplies and
instrumentation. With a low operating current of
60µA, the AHK432 is well suited for battery-powered
portable electronic applications. It also has a sharp
turn-on characteristic and a dynamic resistance of
only 50mW making it an excellent replacement for
zener diodes in low tempco designs.
The AHK432 is available in the surface-mount 3 or
5 pin SOT-23, as well as the through hole TO-92.
Three voltage tolerance options are offered in each
package: ±0.5%, ±1%, and ±2%.
Features
Wide output voltage range (1.24 to 20V)
Operating current from 60µA to 100mA
Low dynamic output resistance of 50m
±0.5% trimmed voltage reference
10mV typ. VREF deviation, from -40 to +105°C
Surface mount 3 or 5 pin SOT-23 or through-
hole 3 pin TO-92 packages
Applications
Notebook computers
Isolated feedback in switching power supplies
Adjustable and programmable supplies
Linear regulators (External Reference)
Instrumentation
Medical Electronics*
Global voltage reference for multiple power
supplies
AHK432
Adjustable Low Voltage Shunt Regulator
432.2001.11.0.96
1
Typical Application
RL
IN
OUT
R2
R1
AHK432
Adjustable regulator:
OUT = VREF
R1 + R2
R2
PowerManager


Similar Part No. - AHK432

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432IGV-.5-T1 AAT-AHK432IGV-.5-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432IGV-.5-T1 ANALOGICTECH-AHK432IGV-.5-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432IGV-1-T1 AAT-AHK432IGV-1-T1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results

Similar Description - AHK432

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com