Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y14870R12400B9R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # Y14870R12400B9R
Description  Vishay Foil Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y14870R12400B9R Datasheet(HTML) 6 Page - Vishay Siliconix

  Y14870R12400B9R Datasheet HTML 1Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 2Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 3Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 4Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 5Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 6Page - Vishay Siliconix Y14870R12400B9R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FIGURE 6 - PULSE TEST I
0
5
10
15
20
25
30
35
Time (sec)
5 sec
10 sec
CSM3637 0R005 Test - 10 units
(5 Pulses of 5 sec @ 30 A, 10 sec @ 0 A)
Average Resistance Deviation: 696 ppm
STD = 305 ppm, Measurement Error = 0.0005R
FIGURE 7 - PULSE TEST II
0
5
10
15
20
25
CSM3637 0R005 Pulse Test - 10 units
(35 Pulses of 0.2 msec @ 20 A, 0.5 msec @ 3 A)
Average Resistance Deviation: 13.3 ppm
STD = 27.3 ppm, Measurement Error = 0.0005R
0.2
msec
Time (msec)
0.5
msec
CSM Series
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63089
6
Revision: 3-May-11


Similar Part No. - Y14870R12400B9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
More results

Similar Description - Y14870R12400B9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240_10 Datasheet
476Kb / 5P
   Vishay Foil Resistors
Revision: 23-Mar-10
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com