Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9563001VXC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 5962R9563001VXC
Description  MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962R9563001VXC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 5962R9563001VXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 14Page - List of Unclassifed Manufacturers 5962R9563001VXC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95630
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
N
SHEET
11
DSCC FORM 2234
APR 97
TABLE IA. Electrical performance characteristics - Continued.
4/
VEN = 4.5 V.
5/
For device type 01, VS = +25 V. For device types 02, 03, 04, and 05, VS = +35 V.
6/
For device type 01, VS = -25 V. For device types 02, 03, 04, and 05, VS = -35 V.
7/
VEN = 0.5 V.
8/
For device types 03 and 05, tested over tolerance range of
±10%, V+ = +10.8 V dc, V- = -10.8 V dc and V+ = +13.2 V dc,
V- = -13.2 V dc.
9/
VAH = 4.5 V and VAL = 0.5 V.
TABLE IB. SEP test limits. 1/ 2/
Device types
SEP
Temperature (TC)
Effective linear energy
transfer (LET) for no SEL,
bias for SEL, VS = 15 V
01
SEL
+125
°C
≤ 110 MeV-cm
2
/mg
02, 03, 04, 05
SEL
+125
°C
Latch up free 3/
1/ For SEP test conditions, see 4.4.4.5 herein.
2/ Technology characterization and model verification supplemented by in-line data may be
used in lieu of end of line testing. Test plan must be approved by the technical review board
and qualifying activity.
3/ Device types 02, 03, 04, and 05 use dielectrically isolated (DI) technology and latch up is
physically not possible.


Similar Part No. - 5962R9563001VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9563101TEC INTERSIL-5962R9563101TEC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563101TXC INTERSIL-5962R9563101TXC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563201TEC INTERSIL-5962R9563201TEC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962R9563201TXC INTERSIL-5962R9563201TXC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Aeroflex Circuit Techno...
5962R9563801QQA AEROFLEX-5962R9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
More results

Similar Description - 5962R9563001VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com