Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9563001VYC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962R9563001VYC
Description  MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962R9563001VYC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962R9563001VYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962R9563001VYC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95630
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
N
SHEET
10
DSCC FORM 2234
APR 97
TABLE IA. Electrical performance characteristics - Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Break-before-make
8/
time delay
tD
CL = 50 pF, RL = 1 kΩ,
9
01,02,
25
ns
see figure 5
10,11
03,04,
05
5
M, D, P, L, R, F
4/ 7/ 9/
9 3/
5
Propagation delay
8/
time address inputs to
I/O channels
tON(A),
tOFF(A)
CL = 50 pF, RL = 10 kΩ,
9
01
0.6
µs
see figure 5
02,03,
04,05
1.25
10,11
01
1.0
02,03,
04,05
1.5
M, D, P, L, R, F
9 3/
01
3.0
4/ 7/ 9/
02,03,
04,05
1.5
Propagation delay
8/
time enable to I/O
channels
tON(EN),
tOFF(EN)
CL = 50 pF, RL = 1 kΩ,
9
01
0.6
µs
see figure 5
02,03,
04,05
1.25
10,11
01
1.0
02,03,
04,05
1.5
M, D, P, L, R, F
9 3/
01
3.0
4/ 7/ 9/
02,03,
04,05
1.5
1/
Unless otherwise specified, VAH (logic level high) = 4.0 V dc, VAL (logic level low) = 0.8 V dc, VEN = 4.0 V, and
VREF = 5.0 V dc. For device types 01, 02, and 04, V+ = +15 V dc, V- = -15 V dc. For device types 03 and 05, tested over
tolerance range of +10%, V+ = +13.2 V dc, V- = -13.2 V dc.
2/
Input current of one node.
3/
RHA device type 01 (device classes Q and V) supplied to this drawing will meet all RHA levels M, D, P, L, R.
However, device type 01 is irradiated and tested only “R” level in accordance with MIL-STD-883 method 1019 condition A.
RHA device types 02, 03, 04, and 05 (device classes Q or V) supplied to this drawing will meet all RHA levels
M, D, P, L, R and F. However, device types 02, 03, 04 and 05 are irradiated and tested only at the “F” level in accordance
with MIL-STD-883 method 1019 condition A (high dose rate).
RHA device types 02, 03, 04 and 05 supplied on this drawing have had characterization testing performed to a level of
150 krads(Si) that demonstrates the parts do not exhibit enhanced low dose rate sensitivity (ELDRS) according to
MIL-STD-883 method 1019 paragraph 3.13.1.1. (see paragraph 1.5 herein). In addition, device types 04 and 05
(device class V) supplied to this drawing are production lot acceptance tested on a wafer by wafer basis to the “L” level
(50 krads(Si)) in accordance with MIL-STD-883 method 1019 condition D (low dose rate).
RHA device type 02 (device class T) supplied to this drawing will meet all RHA levels M, D, P, L, R. However device
type 02 is irradiated and tested only “R” level in accordance with MIL-STD-883 method 1019 condition A.
Pre and Post irradiation values are identical unless otherwise specified in Table I. When performing post irradiation
electrical measurements for any RHA level, TA = +25°C.


Similar Part No. - 5962R9563001VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9563101TEC INTERSIL-5962R9563101TEC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563101TXC INTERSIL-5962R9563101TXC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563201TEC INTERSIL-5962R9563201TEC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962R9563201TXC INTERSIL-5962R9563201TXC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Aeroflex Circuit Techno...
5962R9563801QQA AEROFLEX-5962R9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
More results

Similar Description - 5962R9563001VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com