Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-80H-30A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HLG-80H-30A
Description  80W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HLG-80H-30A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HLG-80H-30A Datasheet HTML 1Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 2Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 3Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 4Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 5Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 6Page - List of Unclassifed Manufacturers HLG-80H-30A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE Note.6
CURRENT ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
Note.8
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS Note.7
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
Note.4
OVER VOLTAGE
OVER TEMPERATURE
Can be adjusted by internal potentiometer A type only
16ms at full load
230VAC /115VAC
1200ms,80ms/115VAC 500ms,80ms/230VAC at full load ; B type 1200ms,200ms/115VAC 500ms,200ms/230VAC at 95% load
90 ~ 305VAC
127 ~ 431VDC
47 ~ 63Hz
PF>0.96/115VAC, PF>0.96/230VAC, PF>0.94/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
0.85A / 115VAC
0.425A / 230VAC
0.4A / 277VAC
<0.75mA / 277VAC
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Compliance to EN55015, EN61000-3-2 Class C (
60% load) ; EN61000-3-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN61547, EN55024, light industry level (surge 4KV), criteria A
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 60
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
UL8750, CSA C22.2 No. 250.0-08(except for HLG-80H-48/54V & HLG-80H-48/54BL), UL8750 listed for HLG-80H-
BL
EN61347-1, EN61347-2-13 independent
approved ; Design refer to UL60950-1, TUV EN60950-1
, J61347-1, J61347-2-13, IP65 or IP67
357.8K hrs min.
MIL-HDBK-217F (25
)
195.6*61.5*38.8mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Please refer to "DRIVING METHODS OF LED MODULE".
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. A type only.
7. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
10. Refer to warranty statement.
11.To fulfill requirements of the latest ErP regulation for lighting fixtures, this LED power supply can only be used behind a switch without permanently
connected to the mains.
0.84Kg; 16pcs/14.4Kg/0.54CUFT
Protection type : Shut down o/p voltage, re-power on to recover
80W Single Output Switching Power Supply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potentiometer
IP67 / IP65 design for indoor or outdoor installations
"UL8750 listed" safety approved for HLG-80H- BL
Class 2 power unit
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
Suitable for dry / damp / wet locations
5 years warranty (Note.10)
Features :
HLG-80H series
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Shut down o/p voltage, re-power on to recover
Blank : IP67 rated. Cable for I/O connection.
14 ~ 17V
59 ~ 68V
88%
89%
90%
90.5%
91%
91%
91%
91%
91%
±2.5%
3 ~ 5A
±2.0%
3 ~ 5A
±1.0%
2.4 ~ 4A
±1.0%
2.04 ~ 3.4A
±1.0%
1.62 ~ 2.7A
±1.0%
1.38 ~ 2.3A
±1.0%
1.02 ~ 1.7A
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.0%
±1.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±1.0%
0.9 ~ 1.5A
±0.5%
±0.5%
±1.0%
1.17 ~ 1.95A
±0.5%
±0.5%
12V
HLG-80H-12
HLG-80H-15
HLG-80H-20
HLG-80H-24
HLG-80H-30
HLG-80H-36
HLG-80H-42
HLG-80H-48
HLG-80H-54
7.2 ~12V
15V
9 ~ 15V
20V
12 ~ 20V
24V
14.4 ~ 24V
30V
18 ~ 30V
36V
21.6 ~ 36V
48V
28.8 ~ 48V
5A
5A
4A
3.4A
2.7A
2.3A
1.7A
60W
75W
80W
81.6W
81W
82.8W
81.6W
150mVp-p
150mVp-p
13.5 ~ 17V
150mVp-p
17 ~ 22V
150mVp-p
22 ~ 27V
200mVp-p
27 ~ 33V
200mVp-p
33 ~ 40V
200mVp-p
43 ~ 53V
10.8 ~ 13.5V
54V
32.4 ~ 54V
1.5A
81W
200mVp-p
49 ~ 58V
42V
25.2 ~ 42V
1.95A
81.9W
200mVp-p
38 ~ 46V
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
CONSTANT CURRENT REGION Note.4
HLG-80H-12 A
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance.
BL
:
(option) Contact MEAN WELL for details.
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
-40 ~ +70
(Refer to "Derating Curve")
EMC IMMUNITY
EMC EMISSION
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
SELV
IP65 IP67
FM
M
110
(for HLG-80H-12~42BL only)
(for HLG-80H-48/54BL only)
(for HLG-80H-48/54 only)
(except for BL type)
(except for HLG-80H-48/54)
(except for HLG-80H-48/54BL)
18 ~ 24V
23 ~ 30V
28 ~ 35V
35 ~ 43V
41 ~ 49V
54 ~ 63V
48 ~ 58V
COLD START 70A(t
=485 s measured at 50% I
) at 230VAC
width
peak
μ
THD< 20% when output loading
60% at 115VAC/230VAC input and output loading
75% at 277VAC input
≧≧
TOTAL HARMONIC DISTORTION
File Name:HLG-80H-SPEC 2013-12-25


Similar Part No. - HLG-80H-30A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H-30 MEANWELL-HLG-80H-30 Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
HLG-80H-30 MEANWELL-HLG-80H-30 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
More results

Similar Description - HLG-80H-30A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com