Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK1117XNY-33-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AHK1117XNY-33-T1
Description  1 Amp Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK1117XNY-33-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AHK1117XNY-33-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AHK1117XNY-33-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AHK1117
1 Amp Linear Regulator
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086
(408)524-9684 Fax (408)524-9689
ANALOGIC
TECH
TM
1117.2000.05.0.92
Absolute Maximum Ratings (TA=25
°C unless otherwise noted)
Symbol
Description
Max
Units
VIN
Input Voltage
15
V
IOUT
DC Output Current
PD/(VIN-VO)
mA
TJ
Operating Junction Temperature Range
0 to 125
°C
Θ
JA
Thermal Resistance (SOT-223)
150
°C/W
Θ
JA
Thermal Resistance (TO-252)
80
°C/W
Θ
JA
Thermal Resistance (TO-220)
60
°C/W
PD
Maximum Power Dissipation (SOT-223)
mW
PD
Maximum Power Dissipation (TO-252)
mW
PD
Maximum Power Dissipation (SOT-220)
Internally
Limited
mW
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at
conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one
time.
Recommended Operating Conditions
Symbol
Description
Rating
Units
VIN
Input Voltage
VOUT+1.2 to 13.2
V
T
Ambient Temperature Range
-40 to +85
°C
Electrical Characteristics AHK1117-ADJ(TJ=25
°C unless otherwise noted)
Symbol
Description
Conditions
Min
Typ
Max
Units
TJ=25
°C
1.238
1.250
1.262
VREF
Reference Voltage
VIN = 5V, IOUT = 10mA
Full temp
1.225
1.250
1.275
V
VIN = 4.75 - 7V,
IOUT = 10mA
TJ=25
°C
0.2
TJ=25
°C
0.3
∆VOUT/
VOUT
Line Regulation
VIN = 4.75 - 15V,
IOUT = 10mA
Full temp
0.4
%
TJ=25
°C
0.05
0.3
∆VOUT/
VOUT
Load Regulation
VIN = 5V,
IOUT = 10mA -1A
Full temp
0.2
0.4
%
VDO
Dropout Voltage
1
IOUT = 10mA -1A,
∆VOUT = ±1%
Full temp
1.0
1.2
V
ILIM
Current Limit
VIN = 2.75 - 7V
Full temp
1.0
A
TC
Ouput Voltage Temp. Coeff.
VIN = 2.75 - 7V, IOUT = 10mA - 1A
0.005
%/
°C
∆V/∆T
Temperature Stability
VIN = 5V, IOUT = 100mA, Full temp
0.5
%
TJ=25
°C
55
IADJ
Adjust Pin Current
VIN = 2.75 - 7V,
IOUT = 10mA - 1A
Full temp
90
µA
∆IADJ
Adjust Pin Current Change
VIN = 2.75 - 7V, IOUT = 10mA - 1A,
Full temp
0.2
5
µA
IOUTMIN
Minimum Load Current
VIN = 5V
5
10
mA
VN
RMS Output Noise
TJ = 25
°C
0.003
%VOUT
PSRR
Ripple Rejection Ratio
VIN = 5V, IOUT = 1A, Full temp
60
72
dB
2-2


Similar Part No. - AHK1117XNY-33-T1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AHK1 HAMMOND-AHK1 Datasheet
77Kb / 2P
   Quality Products. Service Excellence
More results

Similar Description - AHK1117XNY-33-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1117 ANALOGICTECH-AAT1117 Datasheet
65Kb / 8P
   1 Amp Linear Regulator
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com