Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-80H-36B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HLG-80H-36B
Description  80W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HLG-80H-36B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HLG-80H-36B Datasheet HTML 1Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 2Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 3Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 4Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 5Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 6Page - List of Unclassifed Manufacturers HLG-80H-36B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dimming connection diagram for turning the lighting fixture ON/OFF :
Using a switch and relay can turn ON/OFF the lighting fixture.
※Using the built-in dimming function on B-type model can't turn the lighting fixture totally dark. Please refer to the connection method below to
achieve 0% brightness of the lighting fixture connecting to the LED power supply unit.
※Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
1.Output constant current level can be adjusted through output cable by connecting a
or 1~10Vdc or 10V PWM signal between DIM+ and DIM-.
resistance
2.The LED lighting fixture can be turned ON/OFF by the switch.
HLG-80H
DIMMING OPERATION
※ Reference resistance value for output current adjustment (Typical)
※ Built-in 3 in 1 dimming function, IP67 rated. Output constant current level can be adjusted through output cable by connecting a resistance or
1 ~ 10Vdc or 10V PWM signal between DIM+ and DIM-.
※ Please DO NOT connect "DIM-" to "-V".
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
-V(Black)
+V(Red)
DIM-(White)
DIM+(Blue)
NFG
L
Relay
Blue
Brown
Green/
Yellow
AC/L
AC/N
HLG-80H
BType
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
0~100K Ohms resistance
1~10V DC Voltage
10V PWM Signal
LED Lighting Fixture
80W Single Output Switching Power Supply
HLG-80H series
File Name:HLG-80H-SPEC 2013-12-25
60K
Ω
60%
60%
10K
Ω
10K
/N
Ω 20K /N
Ω 30K /N
Ω 40K /N
Ω 50K /N
Ω 60K /N
Ω 70K /N
Ω 80K /N
Ω 90K /N
Ω 100K /N
Ω
Single driver
Multiple drivers
(N=driver quantity for synchronized
dimming operation)
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
Ω
20%
20%
30K
Ω
30%
30%
40K
Ω
40%
40%
50K
Ω
50%
50%
70K
Ω
70%
70%
80K
Ω
80%
80%
90K
Ω 100KΩ
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Dimming value
Percentage of rated current
Percentage of rated current
※ 1 ~ 10V dimming function for output current adjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Duty value
Percentage of rated current
102%~108%
-----
102%~108%
102%~108%
※ 10V PWM signal for output current adjustment (Typical): Frequency range :100Hz ~ 3KHz


Similar Part No. - HLG-80H-36B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H-36 MEANWELL-HLG-80H-36 Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
HLG-80H-36 MEANWELL-HLG-80H-36 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
More results

Similar Description - HLG-80H-36B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com