Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS551MI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS551MI
Description  Input/Output clock frequency up to 160 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS551MI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS551MI Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS551MI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS551
1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ 1 TO 4 CLOCK BUFFER
5
ICS551
REV N 010610
AC Electrical Characteristics
VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C, unless stated otherwise
VDD = 5 V ±10%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Notes:
1. With rail to rail input clock.
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult IDT for tight duty cycle clock
generators.
4. With external series resistor of 33
Ω positioned close to each output pin.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
160
MHz
Output Frequency
15 pF load, Note 4
160
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1.0
ns
Output Clock Fall Time
tOF
2.0 to 0.8 V
1.0
ns
Propagation Delay
Note 1
135 MHz
2
4
8
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
135
MHz
Output Frequency
15 pF load, Note 4
135
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1.0
ns
Output Clock Fall Time
tOF
2.0 to 0.8 V
1.0
ns
Propagation Delay
Note 1
135 MHz
1.5
3
6
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
250
ps


Similar Part No. - ICS551MI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS551MI

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-3PEM-6P QUARTZCOM-PXO-P9-3PEM-6P Datasheet
112Kb / 1P
   LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
MCO-SM-P-4J QUARTZCOM-MCO-SM-P-4J Datasheet
107Kb / 1P
   Plastic moulded SMD Clock Oscillator Programmable Output frequency up to 68 MHz
PXO-P9-PE-6P QUARTZCOM-PXO-P9-PE-6P Datasheet
122Kb / 1P
   Low jitter LVPECL SMD Clock Oscillator Output frequency up to 320 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com