Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK432ILY-2-B1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AHK432ILY-2-B1
Description  Adjustable Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK432ILY-2-B1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

  AHK432ILY-2-B1 Datasheet HTML 1Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 2Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 3Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AHK432ILY-2-B1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering Information
* LIFE SUPPORT POLICY
AnalogicTech's PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYS-
TEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF Advanced Analogic Technologies Inc. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sus-
tain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or effectiveness.
Package
Bulk or Tape
Tolerance
and Reel
0.5%
1.0%
2.0%
SOT-23-3
N/A
N/A
N/A
SOT-23-5
Bulk
N/A
N/A
N/A
TO-92
AHK432ILY-.5-B1
AHK432ILY-1-B1
AHK432ILY-2-B1
SOT-23-3
Tape and Reel
AHK432IGY-.5-T1
AHK432IGY-1-T1
AHK432IGY-2-T1
SOT-23-5
AHK432IGV-.5-T1
AHK432IGV-1-T1
AHK432IGV-2-T1
TO-92
Ammo
AHK432ILY-.5-A1
AHK432ILY-1-A1
AHK432ILY-2-A1
CATHODE
REF
ANODE
ANODE
V
REF=1.24V
REF
CATHODE
AHK432
Adjustable Low Voltage Shunt Regulator
6
432.2001.11.0.96
Functional Block Diagram
Symbol Diagram


Similar Part No. - AHK432ILY-2-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432ILY-2-B1 AAT-AHK432ILY-2-B1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432ILY-2-B1 ANALOGICTECH-AHK432ILY-2-B1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results

Similar Description - AHK432ILY-2-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com