Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-521382-3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 2-521382-3
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-521382-3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  2-521382-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2-521382-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
50
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
The FASTON RAST 5 Tab
header assembly system is
designed to provide a RAST
5 interface to a printed
circuit board. The RAST 5
standard defines and
standardizes the connector
mating interface. 250 series
tabs are placed on 5mm
center lines with a plastic
shroud that has keying,
polarization, and locking
features that help prevent
mismating of the
corresponding RAST 5
female receptacle housing.
The header assembly is
designed to accept any
RAST 5 compliant female
receptacle system or
individual quick connects.
The most common
application for this product
is for household appliance
controls where OEMs want
to minimize the possibility
of crossed wires. It is also
suited for other applications
such as gaming, vending,
and exercise equipment
controls as well as
residential, commercial and
industrial HVAC and light
industrial equipment. The
system comes fully
assembled and is easily
press fit into the board for
the soldering operation.
Preassembly of the tabs
into the header ensures tab
perpendicularity to the
board. The solder leg PCB
layout is based on the
industry standard for similar
systems available on the
market. To further enhance
correct placement onto the
board, the vertical system
includes a plastic post
which allows header
placement to be polarized.
FASTON RAST 5 Tab Header
Assembly, 250 Series
Product Facts
.250 x .032 [6.3 x 0.8]
FASTON Tabs built on 5 mm
centerlines
Shrouded header assembly
that conforms to the
European RAST 5 Standard
Mating TE connector
families include Positive
Lock RAST 5 connector
system, AMP standard timer
RAST 5, AMP multifitting,
AMP multifitting MKII,
AMP MONO-SHAPE TAB
MKI, and AMP MONO-SHAPE
MKII
Vertical and right-angle
versions available in 2
through 8 positions
Tin plated brass tabs are
standard, silver plated tab
versions are available upon
request
Lead free design is RoHS
and ELV compliant
UL 94 V-0 housing meets
Glow Wire IEC 60695-1
Section 30.2.3 – 750°
No Flame
Component recognition
USR and CSR under
file no. E28476
VDE tested according to
DIN EN61984 (VDE0627):
2002-09; EN61984: 2001
VDE reg. no. B718
See TE Catalog 1654742 for the
complete line of RAST products.
Material
UL 94 V-0, 6/6 Nylon


Similar Part No. - 2-521382-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-521382-3 MACOM-2-521382-3 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
More results

Similar Description - 2-521382-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com