Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9563005VXC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962F9563005VXC
Description  MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962F9563005VXC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962F9563005VXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962F9563005VXC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95630
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
N
SHEET
9
DSCC FORM 2234
APR 97
TABLE IA. Electrical performance characteristics - Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Switch on resistance 8/
RDS(ON)
VS = V+, ID = -1 mA,
1,2,3
01
---
1.0
k
VEN = 0.8 V, see figure 4
02,03,
04,05
0.5
3.0
M, D, P, L, R, F 7/
1 3/
01
---
1.0
02,03,
04,05
0.5
3.0
VS = -5 V, ID = +1 mA,
1,2,3
01
---
4.0
VEN = 0.8 V, see figure 4
02,03,
04,05
0.5
3.0
M, D, P, L, R, F 7/
1 3/
01
---
4.0
02,03,
04,05
0.5
3.0
VS = +5 V, ID = -1 mA,
1,2,3
01
---
2.5
VEN = 0.8 V, see figure 4
02,03,
04,05
0.5
3.0
M, D, P, L, R, F 7/
1 3/
01
---
2.5
02,03,
04,05
0.5
3.0
Capacitance:
digital input
CA
V+ = V- = 0 V, f = 1 MHz,
TA = +25°C, see 4.4.1c
4
01,02,
03,04,
05
7
pF
Capacitance:
channel input
CS(OFF)
V+ = V- = 0 V, f = 1 MHz,
TA = +25°C, see 4.4.1c
4
01,02,
03,04,
05
5
pF
Capacitance:
channel output
CD(OFF)
V+ = V- = 0 V, f = 1 MHz,
TA = +25°C, see 4.4.1c
4
01,02,
03,04,
05
50
pF
Off isolation input or
output
VISO
VEN = 4.0 V, f = 200 kHz,
CL = 7 pF, RL = 1 kΩ,
VS = 3 VRMS,
TA = +25°C, see 4.4.1c
4
01,02,
03,04,
05
-45
dB
Functional test
See 4.4.1d
7,8A,8B
01,02,
03,04,
05
See footnotes at end of table.


Similar Part No. - 5962F9563005VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9563005VXC INTERSIL-5962F9563005VXC Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - 5962F9563005VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com