Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

217-36CTT6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 217-36CTT6
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

217-36CTT6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  217-36CTT6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
30
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
217 SERIES
Surface Mount Heat Sinks
D
2PAK, TO-220, SOT-223, SOL-20
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Package
Package
Natural
Forced
P/N
in. (mm)
in. (mm)
Format
Quantity
Convection
Convection)
217-36CT6
.390 (9.9)
.600 (15.2) x .740 (18.8)
Bulk
1
55°C @ 1W
16.0°C/W @ 200 LFM
217-36CTT6
.390 (9.9)
.600 (15.2) x .740 (18.8)
Tube
20
55°C @ 1W
16.0°C/W @ 200 LFM
217-36CTR6
.390 (9.9)
.600 (15.2) x .740 (18.8)
Tape & Reel
250
55°C @ 1W
16.0°C/W @ 200 LFM
Material: Copper, Tin, Lead Plated
Compatible with surface mount technology (SMT) automated production techniques for ease of assembly and a
variety of soldering methods, these heat sinks allow greater packaging densities and reduction in PC-board area,
increasing the power dissipation of surface mount devices (SMDs) while maintaining and improving manufacturers'
component thermal specifications.
FEATURES AND BENEFITS:
No interface material is needed
• Copper with tin-lead plating for improved solderability and assembly
Both the component and the heat sink are installed on the PC-board utilizing
standard SMT assembly equipment for ”Tape & Reel” and “Tube” formats
• EIA standards and ESD protection are specified
Can be used with water soluble or no clean SMT solder creams or other pastes
REEL DETAILS
NOTES
1. Material to be “ESD”
2. Approximately 6 Meters per Reel
3. 250 Pieces per Reel.
217-36CTR6
SECTION A-A
TAPE DETAILS
217-36CT6
217 HEAT SINK WITH
DDPAK DEVICE
KEY:
í Device only, NC v Device + HS, NC
Device + HS, 100 lfm
„ Device + HS, 200 lfm
Device + HS, 300 lfm
MECHANICAL DIMENSIONS
Device Power Dissipation. W
THERMAL PERFORMANCE
6 LAYER BOARD, D' PAK
125°C LEAD, 40°C AMBIENT
Dimensions: in.


Similar Part No. - 217-36CTT6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
217-36CTTE6 ETC-217-36CTTE6 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 217-36CTT6

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com