Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

141SAPH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 141SAPH
Description  Cooper Hand Tools
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAPH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 141SAPH Datasheet HTML 2Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 3Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 4Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 5Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 6Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 7Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 8Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 9Page - List of Unclassifed Manufacturers 141SAPH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
125 mm
16 g
AAS
Stainless steel, anti-glare finish
Precision tweezers with strong but fine tips. For universal use.
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
120 mm
14 g
14 g
14 g
14 g
20 g
20 g
18 g
20 g
20 g
17 g
17 g
16 g
3SA
3SASL
1SA
1SASL
OOSA
OOSASL
OOCSA
OOBSA
OODSA
64SA
11N
AAZ
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for micro electronics. Precision work.
Special stainless steel, anti-glare finish, non-magnetic
Same as 3SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for general use.
Special stainless steel, anti-glare finish, non-magnetic
Same as 1SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers for general purpose e.g. electronic assembly,
very sturdy.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but economy model.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but smaller version.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but with serrated grips.
Special stainless steel, anti-glare finish, non-magnetic
Same as 00SA but with serrated grips and inside serrated tips.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with serrated grips.
Nickel-Silver alloy, anti-glare finish, non-magnetic
Precision tweezers Nickel-Silver alloy, perfect non-magnetic.
Nickel plated
Precision tweezers Nickel plated, for electronics assembly.
6
Pointed Tips Straight
Length 120 mm
Length 125 mm
PRECISION TWEEZERS
Model
Length
Weight
Description
Model
Length
Weight
Description
125 mm
16 g
AASSL
Stainless steel, anti-glare finish
Same as AAS but economy model.


Similar Part No. - 141SAPH

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC05G-PCB SENSORTECHNICS-141SC05G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC100G-PCB SENSORTECHNICS-141SC100G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC15G-PCB SENSORTECHNICS-141SC15G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC30G-PCB SENSORTECHNICS-141SC30G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
More results

Similar Description - 141SAPH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
   Hand Crimping Tools
logo
Kyocera Kinseki Corpota...
061001017 KSS-061001017 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
061001016 KSS-061001016 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
   Hand Crimping Tools
logo
List of Unclassifed Man...
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
   Installation Hand Tools
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
logo
List of Unclassifed Man...
DHCR15 ETC2-DHCR15 Datasheet
222Kb / 3P
   LD Terminals, Hand Tools & Accessories
logo
Tyco Electronics
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com