Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K370-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K370-000E
Description  Isolated Voltage/Current Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K370-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K370-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K370-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACPL-K370, ACPL-K376
Isolated Voltage/Current Detector
Data Sheet
Description
The ACPL-K370 and ACPL-K376 are voltage/current
threshold detection optocouplers. The ACPL-K376 is a low-
current version of the ACPL-K370. To obtain lower current
operation, the ACPL-K376 uses a high-efficiency AlGaAs
LED which has higher light output at lower drive currents.
Both devices have a threshold sensing input buffer IC
that allows threshold levels to be set by a single external
resistor over a wide range of input voltages.
The input buffer has several performance enhancing
features: hysteresis for extra noise immunity and
switching immunity, a diode bridge for easy use with AC
input signals, and internal clamping diodes to protect the
buffer and LED from over-voltage and over-current tran-
sients. Because threshold sensing is done prior to driving
the LED, variations in optical coupling from the LED to the
detector will not effect the threshold levels.
The ACPL-K370 input buffer IC has a nominal turn-on
threshold of 3.8 V(VTH+) and 2.77 mA (ITH+). The buffer
IC for the ACPL-K376 is designed for lower input current.
The nominal turn-on threshold for the ACPL-K376 is 3.8 V
(VTH+) and 1.32 mA (ITH+), which reduces power dissipa-
tion by 52%.
The high-gain output stage features an open-collector
output for both TTL compatible saturation voltages and
CMOS compatible breakdown voltages.
By combining many unique functions in a single package, the
ACPL-K370 and ACPL-K376 are ideal components for indus-
trial control computer input boards and other applications
where a predetermined input threshold level is needed.
Functional Diagram
Features
x ± 5% voltage detection accuracy
x Wide AC or DC detection range: up to 1140 Vpeak
x User configurable single/dual detection levels
x Built-in hysteresis improves noise immunity
x Very low threshold current: 1.32 mA (ACPL-K376)
x Logic compatible output
x Wide output supply voltage: 2 V to 18 V
x –40°C to +105°C operating temperature range
x SSO-8 package with 8 mm creepage and clearance
x Safety and regulatory approval (pending):
– IEC/EN/DIN EN 60747-5-5: 1140 Vpeak working
insulation voltage
– UL 1577: 5000 Vrms/1minute double protection
rating
– CSA: Component Acceptance Notice #5
Applications
x Limit switch sensing
x Low voltage detector
x AC mains and DC-link voltage detection
x Relay contact monitor
x Relay coil voltage monitor
x Current sensing
x Microprocessor interfacing
x Telephone ring detection
Connection Diagram
1
2
3
4
8
7
6
5
AC1
DC+
DC
AC2
VCC
VO
GND
TRUTH TABLE
(POSITIVE LOGIC)
INPUT
H
L
OUTPUT
L
H
NC
ICC
IO
D1
D2
D3
D4
Figure 1. Functional Diagram
AC/DC
POWER
CONTROLLER
ISOLATION BARRIER
ACPL-K370
ACPL-K376
GND1
GND2
RX
Figure 2. Connection Diagram


Similar Part No. - ACPL-K370-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K370 AVAGO-ACPL-K370 Datasheet
190Kb / 13P
   Isolated Voltage/Current Detector
More results

Similar Description - ACPL-K370-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K370 AVAGO-ACPL-K370 Datasheet
190Kb / 13P
   Isolated Voltage/Current Detector
logo
New Japan Radio
NJU7700 NJRC-NJU7700 Datasheet
32Kb / 4P
   low quiescent current voltage detector
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
   AC Voltage and Current Detector
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Analog Devices
7B30 AD-7B30 Datasheet
533Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com