Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

172165-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 172165-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

172165-1 Datasheet(HTML) 2 Page - Tyco Electronics

  172165-1 Datasheet HTML 1Page - Tyco Electronics 172165-1 Datasheet HTML 2Page - Tyco Electronics 172165-1 Datasheet HTML 3Page - Tyco Electronics 172165-1 Datasheet HTML 4Page - Tyco Electronics 172165-1 Datasheet HTML 5Page - Tyco Electronics 172165-1 Datasheet HTML 6Page - Tyco Electronics 172165-1 Datasheet HTML 7Page - Tyco Electronics 172165-1 Datasheet HTML 8Page - Tyco Electronics 172165-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 134 page
background image
2
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMP
Soft Shell
Pin and Socket Connectors
©1977-1980, 1983, 1986, 1988,
1992-1995, 1997, 1998, 2001, 2003,
2006 and 2007 by Tyco Electronics
Corporation. All Rights Reserved.
Restriction on the use of
Hazardous Substances
(RoHS)
At Tyco Electronics, we’re
ready to support your RoHS
requirements. We’ve
assessed more than 1.5
million end
items/components for RoHS
compliance, and issued
new part numbers where
any change was required to
eliminate the restricted
materials.
Part numbers in this catalog
are RoHS Compliant, unless
marked otherwise. These
products comply with
European Union Directive
2002/95/EC, as amended
1 January 2006, that
restricts the use of lead,
mercury, cadmium, hexava-
lent chromium, PBB, and
PBDE in certain electrical
and electronic products
sold into the EU as of 1 July
2006.
Note: For purposes of this
Catalog, included within
the definition of RoHS
Compliant are products that
are clearly “Out of Scope”
of the RoHS Directive such
as hand tools and other
non-electrical accessories.
Information regarding RoHS
compliance is provided
based on reasonable
inquiry of our suppliers and
represents our current
actual knowledge based on
the information provided by
our suppliers. This informa-
tion is subject to change.
For latest compliance
status, refer to our website
referenced at right.
Getting the Information
You Need
Our comprehensive on-line
RoHS Customer Support
Center provides a forum to
answer your questions and
support your RoHS needs.
A RoHS FAQ (Frequently
Asked Questions) is avail-
able with links to more
detailed information. You
can also submit RoHS
questions and receive a
response within 24 hours
during a normal work week.
The Support Center also
provides:
I
Cross-Reference from
Non-compliant to
Compliant Products
I
Ability to browse RoHS
Compliant Products in our
on-line catalog
I
Downloadable Technical
Data
I
Customer Information
Presentation
I
More detailed information
regarding the definitions
used above
So whatever your questions
when it comes to RoHS, we
have the answers at
www.tycoelectronics.com/
leadfree
RoHS
Customer
Support
Center


Similar Part No. - 172165-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
172160-1 MACOM-172160-1 Datasheet
40Kb / 1P
   6POS MINI UNIVERSAL MATE-N-LOCK CONN,CAP HOUSING
logo
Molex Electronics Ltd.
1721601802 MOLEX1-1721601802 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Phosphor Bronze, Gold (Au), Bifurcated
1721601803 MOLEX1-1721601803 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Phosphor Bronze, Tin (Sn), Bifurcated
1721601805 MOLEX1-1721601805 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Brass, Gold (Au), Bifurcated, 18-20 AWG
1721601806 MOLEX1-1721601806 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Brass, Tin (Sn), Bifurcated
More results

Similar Description - 172165-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com