Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521382-8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 521382-8
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

521382-8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  521382-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 521382-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
46
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
.295
[7.49]
A
L
.330
[8.38]
.200
[5.08]
Style
Fits
Dimensions
Material
Part No.
Tab
AL
and Finish
Strip
Loose Piece
.032
(LIF)
.075
.480
Tin Plated Brass
63968-1
0.81
.
1.91
12.19
.032
.
.075
.480
Tin Plated Brass
63969-1
1217080-1
0.81
.
1.91
12.19
A
.025
(LIF)
.075
.480
Tin Plated Brass
63994-1
0.64
.
1.91
12.19
.510
Tin Plated Brass
1217137-12
.025
.
.075
12.95
0.64
.
1.91
.480
Tin Plated Brass
1217180-1
12.19
B
.020
.
——
Tin Plated
1217107-11
0.51
.
Phos Bronze
.250 x .016
C
6.35 x 0.41
Tin Plated Brass
62751-1
62806-1
Spade
1
Horizontal mount.
2
.180 [4.57] length — solder legs.
250 Series Printed Circuit
Board Tabs (Continued)
Right-Angle Printed Circuit
Board Tabs
Stock Thickness — .032 [0.81]
Board Hole Size —
.055 ± .002 [1.40 ± 0.05] Dia.
.250/.205 Printed Circuit
Board Receptacles
Stock Thickness — .016 [0.41]
R
R
.150
[3.81]
.200
[5.08]
L
Hole
Dimensions
Material
Terminal
LW
and Finish
Part No.
.525
.070
Tin Plated Brass
X
X
62411-11
13.34
1.78
.545
.160
Tin Plated Brass
X
X
60284-21
13.84
4.06
1
Loose piece only.
.250
[6.35]
.205
[5.21]
.125
[3.18]
L
W
205 Series
Printed Circuit Board Only
Stock Thickness — .020 [0.51]
Board Hole Size —
.100 – .095 [2.54 – 2.41] Dia.
Dimensions
Material
Terminal Part No.
EL
and Finish
Strip1
Loose Piece
.312
.800
Tin Plated Brass
X
X
63951-1
1217754-1
7.92
20.32
.358
.630
Tin Plated Brass
928814-1
9.09
16.00
.662
1.00
Tin Plated Brass
63952-1
16.83
25.40
1
Insertion equipment available.
R
R
R
R
E
.295
[7.49]
.062
[1.57]
.100
[2.54]
.250
[6.35]
.295
[7.49]
.200
[5.08]
A
B
C
Note: All part numbers are RoHS
compliant.


Similar Part No. - 521382-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
521382-8 MACOM-521382-8 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
More results

Similar Description - 521382-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com