Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21363BBCZ-1AA Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21363BBCZ-1AA
Description  SHARC Processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21363BBCZ-1AA Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21363BBCZ-1AA Datasheet HTML 1Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 2Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 3Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 4Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 5Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 6Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 7Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 8Page - Analog Devices ADSP-21363BBCZ-1AA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
Rev. G
|
Page 3 of 56
|
March 2011
GENERAL DESCRIPTION
The ADSP-2136x SHARC
® processor is a member of the SIMD
SHARC family of DSPs that feature Analog Devices, Inc., Super
Harvard Architecture. The processor is source code-compatible
with the ADSP-2126x and ADSP-2116x DSPs, as well as with
first generation ADSP-2106x SHARC processors in SISD
(single-instruction, single-data) mode. The ADSP-2136x are
32-/40-bit floating-point processors optimized for high
performance automotive audio applications. They contain a
large on-chip SRAM and ROM, multiple internal buses to elim-
inate I/O bottlenecks, and an innovative digital audio interface
(DAI).
As shown in the functional block diagram on Page 1, the
ADSP-2136x uses two computational units to deliver a signifi-
cant performance increase over the previous SHARC processors
on a range of signal processing algorithms. With its SIMD com-
putational hardware, the ADSP-2136x can perform two
GFLOPS running at 333 MHz.
Table 1 shows performance benchmarks for these devices.
Table 2 shows the features of the individual product offerings.
The diagram on Page 1 shows the two clock domains that make
up the ADSP-2136x processors. The core clock domain contains
the following features:
• Two processing elements, each of which comprises an
ALU, multiplier, shifter, and data register file
• Data address generators (DAG1, DAG2)
• Program sequencer with instruction cache
• PM and DM buses capable of supporting four 32-bit data
transfers between memory and the core at every core pro-
cessor cycle
• One periodic interval timer with pinout
•On-chip SRAM (3M bit)
• On-chip mask-programmable ROM (4M bit)
• JTAG test access port for emulation and boundary scan.
The JTAG provides software debug through user break-
points, which allow flexible exception handling.
The diagram on Page 1 also shows the following architectural
features:
• I/O processor that handles 32-bit DMA for the peripherals
• Six full duplex serial ports
• Two SPI-compatible interface ports—primary on dedi-
cated pins, secondary on DAI pins
• 8-bit or 16-bit parallel port that supports interfaces to off-
chip memory peripherals
• Digital audio interface that includes two precision clock
generators (PCG), an input data port (IDP), an S/PDIF
receiver/transmitter, 8-channel asynchronous sample rate
converter, DTCP cipher, six serial ports, eight serial inter-
faces, a 20-bit parallel input port, 10 interrupts, six flag
outputs, six flag inputs, three timers, and a flexible signal
routing unit (SRU)
Table 1. Benchmarks (at 333 MHz)
Benchmark Algorithm
Speed
(at 333 MHz)
1024 Point Complex FFT (Radix 4, with reversal) 27.9 μs
FIR Filter (per tap)1
1 Assumes two files in multichannel SIMD mode.
1.5 ns
IIR Filter (per biquad)1
6.0 ns
Matrix Multiply (pipelined)
[3×3] × [3×1]
[4×4] × [4×1]
13.5 ns
23.9 ns
Divide (y/x)
10.5 ns
Inverse Square Root
16.3 ns
Table 2. ADSP-2136x Family Features
Feature
ADSP-21362
ADSP-21363
ADSP-21364
ADSP-21365
ADSP-21366
RAM
ROM
3M bit
4M bit
3M bit
4M bit
3M bit
4M bit
3M bit
4M bit
3M bit
4M bit
Audio Decoders in ROM1
No
No
No
Yes
Yes
Pulse-Width Modulation
Yes
Yes
Yes
Yes
Yes
S/PDIF
Yes
No
Yes
Yes
Yes
DTCP2
Yes
No
No
Yes
No
SRC SNR Performance
–128 dB
No SRC
–140 dB
–128 dB
–128 dB
1 Audio decoding algorithms include PCM, Dolby Digital EX, Dolby Pro Logic IIx, DTS 96/24, Neo:6, DTS ES, MPEG-2 AAC, MP3, and functions like bass management, delay,
speaker equalization, graphic equalization, and more. Decoder/post-processor algorithm combination support varies depending upon the chip version and the system
configurations. Please visit www.analog.com for complete information.
2 The ADSP-21362 and ADSP-21365 processors provide the Digital Transmission Content Protection protocol, a proprietary security protocol. Contact your Analog Devices
sales office for more information.


Similar Part No. - ADSP-21363BBCZ-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21363BBCZ-1AA AD-ADSP-21363BBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21363BBCZ-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com