Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71024S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IDT71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT71024S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IDT71024S Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT71024S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6.42
IDT71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
3
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
DC Electrical Characteristics
(VCC = 5.0V ± 10%, Commercial and Industrial Temperature Ranges)
Symbol
Parameter
Test Condition
IDT71024
Unit
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max., VIN = GND to VCC
___
5µA
|ILO|
Output Leakage Current
VCC = Max., CS1 = VIH, VOUT = GND to VCC
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
___
V
2964 tbl 06
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address
input lines are changing.
71024S12
71024S15
71024S20
Symbol
Parameters
Com'l.
Ind.
Com'l.
Ind.
Com'l.
Ind.
Unit
ICC
Dynamic Operating Current,
CS2
≥ VIH and CS1 ≤ VIL, Outputs Open,
VCC = Max., f = fMAX(2)
160
160
155
155
140
140
mA
ISB
Standby Power Supply Current (TTL Level)
CS1
≥ VIH or CS2 ≤ VIL, Outputs Open,
VCC = Max., f=fMAX(2)
40
40
40
40
40
40
mA
ISB1
Full Standby Power Supply Current
(CMOS Level), CS1
≥ VHC or
CS2
≤ VLC, Outputs Open,
VCC = Max., f = 0(2), VIN
≤ VLC or VIN ≥ VHC
10
10
10
10
10
10
mA
2964 tbl 07
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
*Including jig and scope capacitance.
2964 drw 03
480
255
30pF
DATA OUT
5V
2964 drw 04
480
255
5pF*
DATA OUT
5V
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2964 tbl 08
AC Test Conditions


Similar Part No. - IDT71024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024S IDT-IDT71024S Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Two Chip Selects plus one Output Enable pin
IDT71024S12TY IDT-IDT71024S12TY Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S12TYGI8 IDT-IDT71024S12TYGI8 Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Two Chip Selects plus one Output Enable pin
IDT71024S12Y IDT-IDT71024S12Y Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S15LB IDT-IDT71024S15LB Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results

Similar Description - IDT71024S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com