Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

243-3PABG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 243-3PABG
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

243-3PABG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 243-3PABG Datasheet HTML 2Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 3Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 4Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 5Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 6Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 7Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 8Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 9Page - List of Unclassifed Manufacturers 243-3PABG Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
35
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
242 SERIES
Low-Height, Low-Profile Twisted Fin Heat Sinks
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
242-125AB-22
1.285 (32.6)
.875 (22.2) x .250 (6.4)
Vertical
22
Mtg Hole
48° C @ 2W
6.2° C/W @ 400 LFM
Material: Aluminum, Black Anodized
TO-220
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
242-125AB-22
242 SERIES
232 AND 238 SERIES
Staggered Fin Heat Sinks for Vertical Mounting
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
232-200AB
2.000 (50.8)
1.380 (35.1) x .500 (12.7)
Vertical
2, Twisted
Clip/Mtg Hole
48° C @ 4W
3.3° C/W @ 400 LFM
232-200AB-23 2.000 (50.8)
1.380 (35.1) x .500 (12.7)
Vertical
2, Solderable
Clip/Mtg Hole
48° C @ 4W
3.3° C/W @ 400 LFM
238-200AB
2.000 (50.8)
1.380 (35.1) x .500 (12.7)
Verlical
2, Twisted
Mtg Slot
48° C @ 4W
3.3 ° C/W @ 400 LFM
238-200AB-23
2.000 (50.8)
1.380 (35.1) x .500 (12.7)
Verlical
2, Solderable
Mtg Slot
48° C @ 4W
3.3 ° C/W @ 400 LFM
TO-202, TO-220
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
232-200AB-23
238-200AB
238-200AB-23
232-200AB
238 SERIES
232 AND 238 SERIES
251 SERIES
Slim-Profile Heat Sinks With Integral Clips
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
251-62AB
.620 (15.7)
.910 (23.1) x .380 (9.7)
Vert./Horiz.
No Tab
Clip
66°C @ 3W
66°C/W @ 400 LFM
251-80AB
.845 (21.5)
.910 (23.1) x .380 (9.7)
Vert./Horiz.
No Tab
Clip
64°C @ 3W
66°C/W @ 400 LFM
251-80AB-19
.875 (22.2)
.910 (23.1) x .380 (9.7)
Vertical
19
Clip
64°C @ 3W
66°C/W @ 400 LFM
Material: Aluminum, Black Anodized
15 Lead Multiwatt
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
251-62AB
251-80AB
251-80AB-19
251 SERIES
Material: Aluminum,
Black Anodized


Similar Part No. - 243-3PABG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
243-3PAB ETC-243-3PAB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 243-3PABG

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com