Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03029BX222ZJZC7189 Datasheet(PDF) 3 Page - Kemet Corporation

Part # 03029BX222ZJZC7189
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

03029BX222ZJZC7189 Datasheet(HTML) 3 Page - Kemet Corporation

  03029BX222ZJZC7189 Datasheet HTML 1Page - Kemet Corporation 03029BX222ZJZC7189 Datasheet HTML 2Page - Kemet Corporation 03029BX222ZJZC7189 Datasheet HTML 3Page - Kemet Corporation 03029BX222ZJZC7189 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DSCC Approved 03029 (BR/BX Dielectrics)
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4003_L 10/13
10
4
10
5
10
6
10
7
10
8
10
9
10
10
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
Freq (Hz)
ESR
Z
-40
-30
-20
-10
0
10
-55-35 -155
25
45
65
85 105 125
Temperature (°C)
0 VDC
50 VDC
ESR
Z
10
4
10
5
10
6
10
7
10
8
10
9
10
10
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
Freq (Hz)
Z & ESR - 0402, 1000pF, 25V, BX
-40
-30
-20
-10
0
10
-55-35 -155
25
45
65
85 105 125
Temperature (°C)
0 VDC
50 VDC
TCVC - 0402, 1000pF, 25V, BX
Electrical Characteristics
Z & ESR - 0402, 2200pF, 50V, BR
TCVC - 0402, 2200pF, 50V, BR


Similar Part No. - 03029BX222ZJZC7189

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
03029-BPXXXACM VISHAY-03029-BPXXXACM Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
03029-BPXXXACZ VISHAY-03029-BPXXXACZ Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
03029-BPXXXADM VISHAY-03029-BPXXXADM Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
03029-BPXXXADZ VISHAY-03029-BPXXXADZ Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
03029-BPXXXAFM VISHAY-03029-BPXXXAFM Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
More results

Similar Description - 03029BX222ZJZC7189

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com