Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVE563 Datasheet(PDF) 1 Page - Kemet Corporation

Part # AVE563
Description  Automatic Winding Machine for Multi-tab Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AVE563 Datasheet(HTML) 1 Page - Kemet Corporation

  AVE563 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EDS563A-R00-100512
EQUIPMENT REFERENCE DATA SHEET
AVE563 - Automatic Winding Machine for Multi-tab
Electrolytic Capacitors
MAIN FEATURES
Automatic winding machine for multi-tab electrolytic capacitors (up to 15 pairs of tabs.)
Cold welding of tabs to assure minimum ESR values.
Independent pressure regulation on anode and cathode.
Complete programmability for a large range of winding schemes and tab configurations.
Control by microprocessor, optimization of the cycle time and winding parameters
allowing to wind brittle foils.
PRODUCT
D
d
L
w
l
w d
GENERAL INFORMATION
Dimensions of wound capacitive element
L
60
to
240
mm
D
30
to
120
mm
d
8
to
12
mm
l
20
to
115
mm


Similar Part No. - AVE563

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AVE533 KEMET-AVE533 Datasheet
123Kb / 1P
   Automatic Winding Machine for Electrolytic Capacitors
More results

Similar Description - AVE563

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AVE709 KEMET-AVE709 Datasheet
136Kb / 1P
   Automatic Winding Machine for Multi-tab Electrolytic Capacitors
AVE533 KEMET-AVE533 Datasheet
123Kb / 1P
   Automatic Winding Machine for Electrolytic Capacitors
2A-268-1 KEMET-2A-268-1 Datasheet
128Kb / 1P
   Automatic Winding Machine for Power Capacitors
2S-268-4 KEMET-2S-268-4 Datasheet
115Kb / 1P
   Automatic Winding Machine for Power Capacitors
AVS284 KEMET-AVS284 Datasheet
110Kb / 1P
   Automatic Winding Machine for Metallized Capacitors
AVM301 KEMET-AVM301 Datasheet
115Kb / 1P
   Automatic Winding Machine for Miniature Capacitors
AVM606 KEMET-AVM606 Datasheet
790Kb / 1P
   Automatic Winding Machine for Metallized Capacitors
AVL367 KEMET-AVL367 Datasheet
204Kb / 1P
   Automatic Winding Machine
AVM406 KEMET-AVM406 Datasheet
550Kb / 1P
   Automatic Winding Machine for Metallized Film Capacitors
AVM583 KEMET-AVM583 Datasheet
120Kb / 1P
   Automatic Winding Machine for Metallized Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com