Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLG01P120L17 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CLG01P120L17
Description  Super Capacitors To Improve Power Performance.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLG01P120L17 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CLG01P120L17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLG01P120L17 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
5
Line Card
Line Card
Line Card
Line Card
Line Card
Line Card
Line Card
Line Card
Foot Print
P/N
V
ESR [m ]
Cap. [mF]
L.C[ A]
Length
Width [mm]
Height
Pitch
Weight [g]
CLG03P012L12
3.5
600
12
3
12
12.5
2.4
8.0
1.3
CLG04P010L12
4.2
720
10
3
12
12.5
2.6
8.0
1.3
CLG05P008L12
5.5
1000
8
3
12
12.5
3.1
8.0
CLG06P007L12
6.3
1200
7
3
12
12.5
3.4
8.0
1.6
CLG03P025L12
3.5
300
25
6
12
12.5
3.4
8.0
1.6
CLG04P020L12
4.2
360
20
6
12
12.5
3.9
8.0
1.6
CLG05P016L12
5.5
500
16
6
12
12
4.8
8.0
CLG06P012L12
6.3
600
12
6
12
12.5
5.3
8.0
1.9
preliminary
CLX04P007L12
4.2
300
7
12
12
12.5
2.9
8.0
preliminary
CLG01P030L12
1.4
240
30
3
12
12.5
1.7
8.0
preliminary
CLG01P060L12
1.4
120
60
6
12
12.5
2.0
8.0
preliminary
CLK01P080L12
1.4
240
80
3
12
12.5
1.7
8.0
preliminary
CLK01P160L12
1.4
120
160
6
12
12.5
2.0
8.0
preliminary
CLC03P012L12
3.5
1000
12
1
12
12.5
2.4
8.0
preliminary
CLC04P010L12
4.2
1200
10
1
12
12.5
2.6
8.0
CLG02P040L17
2.1
180
40
6
17
17.5
11.0
CLG03P025L17
3.5
300
25
6
17
17.5
11.0
CLG04P020L17
4.2
360
20
6
17
17.5
11.0
CLG05P015L17
5.5
560
15
6
17
17.5
11.0
CLG02P080L17
2.1
90
80
12
17
17.5
2.5
11.0
3.2
CLG03P050L17
3.5
150
50
12
17
17.5
3.4
11.0
3.3
CLG04P040L17
4.2
180
40
12
17
17.5
3.9
11.0
3.3
CLG05P030L17
5.5
280
30
12
17
17.5
4.8
11.0
3.4
CLG01P60L17
1.4
120
60
6
17
17.5
1.7
11.0
CLG01P120L17
1.4
60
120
12
17
17.5
2.0
11.0
P
P
P
P R
R
R
R E
E
E
E L
L
L
L IIII M
M
M
M IIII N
N
N
N A
A
A
A R
R
R
R Y
Y
Y
Y
N
N
N
Ne
ee
ew
w
w
w p
p
p
prrrroooottttooootttty
yy
yp
p
p
pe
ee
e ,,,, n
n
n
no
oo
otttt q
qq
qu
u
u
ua
aa
alllliiiiffffiiiieeeed
d
d
d y
yy
ye
ee
etttt
preliminary
preliminary


Similar Part No. - CLG01P120L17

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-100 MEANWELL-CLG-100 Datasheet
218Kb / 2P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
99Kb / 1P
   30~60W Single Output with PFC
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
250Kb / 3P
   100W Single Output Switching Power Supply
More results

Similar Description - CLG01P120L17

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1S041-43-LF BOTHHAND-KLU1S041-43-LF Datasheet
216Kb / 2P
   Reduced EMI radiation to improve EMI performance
KRU1T041X-44-LF BOTHHAND-KRU1T041X-44-LF Datasheet
295Kb / 2P
   Reduced EMI radiation to improve EMI performance
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Vectron International, ...
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
   Helping Customers Innovate, Improve & Grow
logo
NEC
FC0H473ZFTBR24 NEC-FC0H473ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com