Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFSL4227PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFSL4227PBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4227PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFSL4227PBF Datasheet HTML 1Page - International Rectifier IRFSL4227PBF Datasheet HTML 2Page - International Rectifier IRFSL4227PBF Datasheet HTML 3Page - International Rectifier IRFSL4227PBF Datasheet HTML 4Page - International Rectifier IRFSL4227PBF Datasheet HTML 5Page - International Rectifier IRFSL4227PBF Datasheet HTML 6Page - International Rectifier IRFSL4227PBF Datasheet HTML 7Page - International Rectifier IRFSL4227PBF Datasheet HTML 8Page - International Rectifier IRFSL4227PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL4227PbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
170
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
22
26
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-13
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
200
µA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
49
–––
–––
S
Qg
Total Gate Charge
–––
70
98
nC
Qgd
Gate-to-Drain Charge
–––
23
–––
td(on)
Turn-On Delay Time
–––
33
–––
tr
Rise Time
–––
20
–––
ns
td(off)
Turn-Off Delay Time
–––
21
–––
tf
Fall Time
–––
31
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Ciss
Input Capacitance
–––
4600
–––
Coss
Output Capacitance
–––
460
–––
pF
Crss
Reverse Transfer Capacitance
–––
91
–––
Coss eff.
Effective Output Capacitance
–––
360
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
EAR
Repetitive Avalanche Energy
™
mJ
VDS(Avalanche)
Repetitive Avalanche VoltageÙ
V
IAS
Avalanche Current
Ãd
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
100
150
ns
Qrr
Reverse Recovery Charge
–––
430
640
nC
62
260
–––
–––
–––
–––
MOSFET symbol
VDS = 25V, ID = 46A
VDD = 100V, ID = 46A, VGS = 10Ve
Conditions
and center of die contact
VDD = 160V, VGS = 15V, RG= 4.7Ω
VDS = 160V, RG= 4.7Ω, TJ = 25°C
L = 220nH, C= 0.4µF, VGS = 15V
VDS = 160V, RG= 4.7Ω, TJ = 100°C
VDS = 25V
VDS = VGS, ID = 250µA
VDS = 200V, VGS = 0V
VGS = 0V, VDS = 0V to 160V
VDS = 200V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 0V
L = 220nH, C= 0.4µF, VGS = 15V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 46A e
TJ = 25°C, IF = 46A, VDD = 50V
di/dt = 100A/µs e
TJ = 25°C, IS = 46A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
Max.
ƒ = 1.0MHz,
–––
140
46
37
–––
–––
240
–––
–––
570
–––
–––
910
–––
VDD = 100V, VGS = 10VÃe
ID = 46A
RG = 2.5Ω
See Fig. 22


Similar Part No. - IRFSL4227PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFSL4227 ISC-IRFSL4227 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFSL4227PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com