Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT136-600E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BT136-600E
Description  4Q Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136-600E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BT136-600E Datasheet HTML 5Page - NXP Semiconductors BT136-600E Datasheet HTML 6Page - NXP Semiconductors BT136-600E Datasheet HTML 7Page - NXP Semiconductors BT136-600E Datasheet HTML 8Page - NXP Semiconductors BT136-600E Datasheet HTML 9Page - NXP Semiconductors BT136-600E Datasheet HTML 10Page - NXP Semiconductors BT136-600E Datasheet HTML 11Page - NXP Semiconductors BT136-600E Datasheet HTML 12Page - NXP Semiconductors BT136-600E Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
BT136-600E
4Q Triac
BT136-600E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
30 September 2013
9 / 13
Tj (°C)
- 60
140
90
- 10
40
003aae832
0.8
0.4
1.2
1.6
0
VGT
VGT (25 °C)
Fig. 11. Normalized gate trigger voltage as a function of junction temperature


Similar Part No. - BT136-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136-600E PHILIPS-BT136-600E Datasheet
44Kb / 6P
   Triacs sensitive gate
August 1997 Rev 1.200
logo
Teccor Electronics
BT136-600E TECCOR-BT136-600E Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
NXP Semiconductors
BT136-600E PHILIPS-BT136-600E Datasheet
38Kb / 6P
   TRIACS SENSITIVE GATE
June 2001-Rev 1.400
logo
Inchange Semiconductor ...
BT136-600E ISC-BT136-600E Datasheet
116Kb / 1P
   Triacs
logo
DIYI Electronic Technol...
BT136-600E DYELEC-BT136-600E Datasheet
4Mb / 7P
   Domestic lighting ,heating and motor speed controllers.
More results

Similar Description - BT136-600E

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com