Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM600-08-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM600-08-RC
Description  SMD Inductor/Transformer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM600-08-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM600-08-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM600-08-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM600-08-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM600-08-RC Datasheet HTML 4Page - Bourns Electronic Solutions PM600-08-RC Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Formerly
model
Six windings - multiple configurations
Compact size
Tape and reel packaging
RoHS compliant*
Applications
Inductors: Buck-boost, coupled, filtering,
common mode
Transformers: Flyback, push-pull, inverter,
gate drive, isolation
PM600/PM610/PM620 Series - SMD Inductor/Transformer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Rated Current ....... Ind. drop of 30 % typ.
...................................................at Isat
Temperature Rise ... 40 °C typical at Irms
Operating Temperature
................................ -40 °C to +105 °C
Storage Temperature
................................ -40 °C to +105 °C
Soldering .......... 245 °C, 5 seconds max.
Dielectric Strength ................... 500 Vrms
between windings
Materials
Core.............................................. Ferrite
Wire ........... Polyurethane-coated copper
Terminal Coating............. Sn-Ag-Cu alloy
Packaging
PM600..........600 pcs. per 13-inch reel
PM610..........300 pcs. per 13-inch reel
PM620..........200 pcs. per 13-inch reel
Bourns
Part No.
Inductance
100 KHz
DCR
(
Ω)
Max.
Isat
(A)
Irms
(A)
<1> ET (VmS)
Based on
40 °C Rise
(260 KHz)
<1> ET (VmS)
Based on
Core
Saturation
(
μH)
Tol. (%)
PM600-01-RC
201.6
±30
0.324
0.02
0.46
16.8
103.2
PM600-02-RC
89.6
±30
0.137
0.03
0.71
11.2
68.8
PM600-03-RC
27.4
±10
0.324
0.31
0.46
16.8
103.2
PM600-04-RC
12.2
±10
0.137
0.47
0.71
11.2
68.8
PM600-05-RC
14.7
±10
0.324
0.58
0.46
16.8
103.2
PM600-06-RC
6.5
±10
0.137
0.87
0.71
11.2
68.8
PM600-07-RC
10.9
±10
0.324
0.88
0.46
16.8
103.2
PM600-08-RC
4.9
±10
0.137
1.32
0.71
11.2
68.8
PM600-09-RC
8.5
±10
0.324
1.23
0.46
16.8
103.2
PM600-10-RC
3.8
±10
0.137
1.85
0.71
11.2
68.8
PM610-01-RC
160.0
±30
0.202
0.04
0.68
21.0
130
PM610-02-RC
78.4
±30
0.094
0.06
1.00
14.7
91
PM610-03-RC
21.6
±10
0.202
0.67
0.68
21.0
130
PM610-04-RC
10.6
±10
0.094
0.96
1.00
14.7
91
PM610-05-RC
11.6
±10
0.202
1.30
0.68
21.0
130
PM610-06-RC
5.7
±10
0.094
1.86
1.00
14.7
91
PM610-07-RC
8.3
±10
0.202
2.00
0.68
21.0
130
PM610-08-RC
4.1
±10
0.094
2.86
1.00
14.7
91
PM610-09-RC
6.6
±10
0.202
2.30
0.68
21.0
130
PM610-10-RC
3.2
±10
0.094
3.29
1.00
14.7
91
PM620-01-RC
160.6
±30
0.094
0.03
1.28
20.8
130
PM620-02-RC
77.0
±30
0.065
0.04
1.54
14.4
90
PM620-03-RC
131.8
±20
0.094
0.08
1.28
20.8
130
PM620-04-RC
63.2
±20
0.065
0.12
1.54
14.4
90
PM620-05-RC
23.3
±10
0.094
0.36
1.28
20.8
130
PM620-06-RC
11.2
±10
0.065
0.52
1.54
14.4
90
PM620-07-RC
14.2
±10
0.094
0.76
1.28
20.8
130
PM620-08-RC
6.8
±10
0.065
1.10
1.54
14.4
90
PM620-09-RC
9.3
±10
0.094
1.11
1.28
20.8
130
PM620-10-RC
4.5
±10
0.065
1.60
1.54
14.4
90
PM620-11-RC
7.9
±10
0.094
1.40
1.28
20.8
130
PM620-12-RC
3.8
±10
0.065
2.02
1.54
14.4
90
<1> Single or multi-windings in parallel. ET of multiple winding in series is number of
windings times value of ET.


Similar Part No. - PM600-08-RC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM600 ARTESYN-PM600 Datasheet
69Kb / 2P
   Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
logo
List of Unclassifed Man...
PM6003 ETC2-PM6003 Datasheet
648Kb / 1P
   PM SERIES POWER SUPPLY UNITS
PM6003-3 ETC2-PM6003-3 Datasheet
648Kb / 1P
   PM SERIES POWER SUPPLY UNITS
logo
Mitsubishi Electric Sem...
PM600CLA060 MITSUBISHI-PM600CLA060 Datasheet
131Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
More results

Similar Description - PM600-08-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3602-5-RC BOURNS-PM3602-5-RC Datasheet
260Kb / 3P
   SMD Inductor/Transformer
logo
Datatronic Distribution...
DR359-1-471 DATATRONICS-DR359-1-471 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
logo
Sumida Corporation
CLS6D28B SUMIDA-CLS6D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CLS8D28B SUMIDA-CLS8D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
3XF0013-W19 XFMRS-3XF0013-W19_15 Datasheet
45Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
3XF0013-W42 XFMRS-3XF0013-W42_15 Datasheet
43Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com