Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIS-8580-4S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCIS-8580-4S
Description  PCI-to-PCI Expansion Systems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIS-8580-4S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCIS-8580-4S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5-4
www.adlinktech.com
Expansion Systems
PCI-to-PCI Expansion Systems
PCIS-8580-4S/PCIS-8580-13S
Features
■ Compliant with PCI local bus specification Rev 2.2
■ Compliant with PCI bridge architecture specification Rev 1.2
■ PCIS-8580-4S expands four PCI slots in a shoebox size
wall-mount chassis with built-in 200 W power supply
■ PCIS-8580-13S expands 13 full-size PCI slots in a 19"
rack-mount chassis with built-in 400 W power supply
■ Full 32-bit/33 MHz PCI bandwidth extension (132 MB/s)
■ Extension distance of up to 10 meters (expansion cables at
2 M, 5 M, and 10 M)
■ Complete hardware and software transparency
■ 24-pin DVI-D connector for robust connectivity
Introduction
The ADLINK PCIS-8580 is a PCI-to-PCI expansion system to expand the PCI buses of host computers. With
its state-of-the-art StarFabric high-speed serial link technology, you can expand your PCI bus of a host
computer to an external chassis, which accommodates four (PCIS-8580-4S) or 13 (PCIS-8580-13S)
additional PCI slots. This advanced technology provides full 32-bit/33 MHz PCI bandwidth (132 MB/s) and a
maximum of 10 M distance between host computer and expansion chassis. The ADLINK PCI-to-PCI
expansion system utilizes the concept of “serialized bridge” to provide complete hardware and software
transparency to your host system. Any hardware installed in the extension chassis works as if it is directly
installed inside the host system without the need for additional drivers or software.
The ADLINK PCIS-8580 PCI-to-PCI expansion system is composed of three major components: a PCI
expansion card (LPCI-8575), an expansion chassis (RK-8005/RK-8014), and a cable (ACL-PCIEXT-2). The
PCI expansion card is the core of this system. It acts as a PCI bridge with the capability to serialize PCI
signals and maintain a 5 Gbps serial link between the host system and expansion chassis. The expansion
chassis, which is a 4-slot wall-mount chassis (RK-8005) or a 13-slot rack-mount chassis (RK-8014), is the
platform to accommodate PCI slots. It contains a backplane, a power supply, and a pre-installed PCI
extension card. The cable, which consists of DVI-D connector and shielding twisted pairs, provides robust
connectivity and maintains proper signal quality between the host computer and the expansion chassis.
PCIS-8580-4S
General Specifications
•Operating temperature: 0°C to 50°C
•Storage temperature: -20°C to 80°C
•Relative humidity: 10% to 90%, non-condensing
System Model
Host Bus Type
Expansion
Bus Type
Slots
No.
Expansion System Includes
Cable Option
Card (Host)
Card (Remote)
ExpansionChassis
Accessory
PCIS-8580-4S
PCI
PCI
4
LPCI-8575
LPCI-8575
RK-8005
ACL-PCIEXT-2
ACL-PCIEXT-5/-10
PCIS-8580-13S
PCI
PCI
13
LPCI-8575
LPCI-8575
RK-8014
ACL-PCIEXT-2
ACL-PCIEXT-5/-10
Ordering Information
■ PCIS-8580-4S
Includes One LPCI-8575, One RK-8005, and One
ACL-PCIEXT-2 Cable
■ PCIS-8580-13S
Includes One LPCI-8575, One RK-8005, and One
ACL-PCIEXT-2 Cable
■ ACL-PCIEXT-2
Optional 2 M Expansion Cable
■ ACL-PCIEXT-5
Optional 5 M Expansion Cable
■ ACL-PCIEXT-10
Optional 10 M Expansion Cable
PCI-to-PCI Expansion Systems
LPCI-8575
• PCI local bus specification Rev 2.2 compliant
• PCI bridge architecture specification Rev 1.2 compliant
• Supports both 5 V and 3.3 V PCI buses
• Data throughput: full 32-bit/33 MHz PCI bandwidth (132 MB/s)
• I/O connector: DVI-D 24-pin connector
• Maximal extended distance: 10 M
• Power requirements
RK-8005
• Dimensions: 122 mm (W) x 195 mm (H) x 259 mm (D)
• Weight: 3.2 kg
• Backplane: Five 32-bit/33 MHz half-sized PCI slots
-
1 slot for expansion card
-
4 slots available for PCI cards
• Power supply
-
Input voltage: 85 VAC to 265 VAC
-
Output: 200 W
• Cooling: One 37.5 CFM ball bearing fan (80 mm)
RK-8014
• Dimension: 483.5 mm (W) x 177 mm (H) x 448.5 mm (D)
• Weight: 12 kg
• Backplane: 14x 32-bit/33 MHz full-sized PCI slots
-
1 slot for expansion card
-
13 slots available for PCI cards
• Power supply
-
Input voltage: 85 VAC to 265 VAC, auto-switching
-
Output: 400 W
• Cooling: Two 88 CFM ball bearing fan (120 mm)
ACL-PCIEXT-2/-5/-10
• Length: 2 M, 5 M, 10 M
+5 V
190 mA
+3.3 V
250 mA
Specifications
LPCI-8575
RK-8005
RK-8014
ACL-PCIEXT-2/-5/-10
PCIS-8580-13S
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - PCIS-8580-4S

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PCIS-6400USS ADLINK-PCIS-6400USS Datasheet
236Kb / 2P
   4U 5-slot CompactPCI Chassis with Redundant Power Supplies
More results

Similar Description - PCIS-8580-4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCES-8581-4S ETC2-PCES-8581-4S Datasheet
431Kb / 2P
   PCIe-to-PCI Expansion Systems
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Coolgear Inc.
CGS-1PCIE4X COOLGEAR-CGS-1PCIE4X Datasheet
517Kb / 2P
   1 Port PCI-e to 4X PCI Slot Expansion Enclosure
logo
List of Unclassifed Man...
PCIE-8560 ETC2-PCIE-8560 Datasheet
262Kb / 1P
   PCI Express-to-PXI/CompactPCI Expansion Kits
logo
Contec Co., Ltd
EADBE CONTEC-EADBE Datasheet
152Kb / 2P
   PCI Bus Expansion Adapter for PCI Bus PC-Slot
logo
List of Unclassifed Man...
PCI-8570 ETC2-PCI-8570 Datasheet
272Kb / 1P
   PCI-to-PXI/PXI-to-PXI Expansion Kits
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
   PCI Express Mini Card expansion
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com