Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5212T1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MUN5212T1
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN5212T1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MUN5212T1 Datasheet HTML 3Page - Motorola, Inc MUN5212T1 Datasheet HTML 4Page - Motorola, Inc MUN5212T1 Datasheet HTML 5Page - Motorola, Inc MUN5212T1 Datasheet HTML 6Page - Motorola, Inc MUN5212T1 Datasheet HTML 7Page - Motorola, Inc MUN5212T1 Datasheet HTML 8Page - Motorola, Inc MUN5212T1 Datasheet HTML 9Page - Motorola, Inc MUN5212T1 Datasheet HTML 10Page - Motorola, Inc MUN5212T1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MUN5211T1 SERIES
7
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS — MUN5214T1
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
02
46
8
10
15
20
25 30
35
40
45
50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
020
40
60
80
Figure 18. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
–25
°C
25
°C
TA =75°C
VCE = 10
300
250
200
150
100
50
0
2468
15
20 40
50 60 70 80
90
f = 1 MHz
lE = 0 V
TA = 25°C
25
°C
IC/IB = 10
TA = –25°C
TA =75°C
25
°C
–25
°C
VO = 0.2 V
TA = –25°C
75
°C
VO = 5 V
25
°C
75
°C


Similar Part No. - MUN5212T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5212T1 ONSEMI-MUN5212T1 Datasheet
230Kb / 10P
   NPN SILICON BIAS RESISTOR TRANSISTORS
November, 2004 ??Rev. 6
MUN5212T1 ONSEMI-MUN5212T1 Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5212T1G ONSEMI-MUN5212T1G Datasheet
230Kb / 10P
   NPN SILICON BIAS RESISTOR TRANSISTORS
November, 2004 ??Rev. 6
MUN5212T1G ONSEMI-MUN5212T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5212T1G ONSEMI-MUN5212T1G Datasheet
441Kb / 16P
   Bias Resistor Transistor
October, 2010 -- Rev. 9
More results

Similar Description - MUN5212T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
MUN5211T1 ONSEMI-MUN5211T1 Datasheet
230Kb / 10P
   NPN SILICON BIAS RESISTOR TRANSISTORS
November, 2004 ??Rev. 6
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com