Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52H-B3V0 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZT52H-B3V0
Description  Single Zener diodes in a SOD123F package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-B3V0 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZT52H-B3V0 Datasheet HTML 2Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 3Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 4Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 5Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 6Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 7Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 8Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 9Page - NXP Semiconductors BZT52H-B3V0 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BZT52H_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2010
6 of 13
NXP Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
[1]
f = 1 MHz; VR =0V.
[2]
tp = 100 μs; Tamb =25 °C.
[1]
f = 1 MHz; VR =0V.
[2]
tp = 100 μs; Tamb =25 °C.
Table 9.
Characteristics per type; BZT52H-B27 to BZT52H-C51
Tj =25 °C unless otherwise specified.
BZT52H
-xxx
Sel
Working
voltage
VZ (V);
IZ =2mA
Maximum differential
resistance rdif (Ω)
Reverse
current IR (μA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
Min
Max
IZ =1mA
IZ =5mA
Max
VR (V)
Min
Max
Max
Max
27
B
26.5
27.5
250
40
0.05
18.9
21.4
25.3
50
1.0
C
25.1
28.9
30
B
29.4
30.6
250
40
0.05
21
24.4
29.4
50
1.0
C
28.0
32.0
33
B
32.3
33.7
250
40
0.05
23.1
27.4
33.4
45
0.9
C
31.0
35.0
36
B
35.3
36.7
250
60
0.05
25.2
30.4
37.4
45
0.8
C
34.0
38.0
39
B
38.2
39.8
300
75
0.05
27.3
33.4
41.2
45
0.7
C
37.0
41.0
43
B
42.1
43.9
325
80
0.05
30.1
37.6
46.6
40
0.6
C
40.0
46.0
47
B
46.1
47.9
325
90
0.05
32.9
42.0
51.8
40
0.5
C
44.0
50.0
51
B
50.0
52.0
350
100
0.05
35.7
46.6
57.2
40
0.4
C
48.0
54.0
Table 10.
Characteristics per type; BZT52H-B56 to BZT52H-C75
Tj =25 °C unless otherwise specified.
BZT52H
-xxx
Sel
Working
voltage
VZ (V);
IZ =2mA
Maximum differential
resistance rdif (Ω)
Reverse
current IR (μA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
Min
Max
IZ =0.5 mA IZ =2mA Max
VR (V)
Min
Max
Max
Max
56
B
54.9
57.1
375
120
0.05
39.2
52.2
63.8
40
0.3
C
52.0
60.0
62
B
60.8
63.2
400
140
0.05
43.4
58.8
71.6
35
0.3
C
58.0
66.0
68
B
66.6
69.4
400
160
0.05
47.6
65.6
79.8
35
0.25
C
64.0
72.0
75
B
73.5
76.5
400
175
0.05
52.5
73.4
88.6
35
0.20
C
70.0
79.0


Similar Part No. - BZT52H-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-B3V0 NXP-BZT52H-B3V0 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B3V0 PHILIPS-BZT52H-B3V0 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-B3V0 NEXPERIA-BZT52H-B3V0 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-B3V0-Q NEXPERIA-BZT52H-B3V0-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-B3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
   Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com