Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2110-390K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM2110-390K-RC
Description  High Current SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM2110-390K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM2110-390K-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM2110-390K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22.9
(0.900)
30.5 ± 0.5
(1.200 ± .0200)
5.1
(0.200)
17.8
(0.700)
25.4
(1.000)
MAX.
A
Features
Formerly
model
Current rating up to 22.7 A
Toroidal core
RoHS compliant*
Applications
Input/output of DC/DC converters
Industrial electronics
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
PM2110 Series - High Current SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Test Voltage .................................... 0.1 V
Reflow Soldering .......245 °C; 5 seconds
Operating Temperature
................................ -55 °C to +105 °C
(Temperature rise included)
Storage Temperature ...-55 °C to +105 °C
Resistance to Soldering Heat
...........................260 °C, 10 sec. max.
Materials
Core.................................................. Iron
Wire ............................ Enameled copper
Adhesive...............................Epoxy resin
Terminal ................................... Sn/Ag/Cu
Rated Current
......See “Inductance vs. Current” table
Temperature Rise
.............................. 30 °C typical at Idc
Packaging.......................77 pcs. per box
Bourns Part No.
Inductance 1 kHz
DCR
Max.
(m
Ω)
Idc
(A)
Dim. A
Max.
mm/(in.)
(
μH)
Tol. (%)
PM2110-1R0M-RC
1.0
±20
2
22.7
14.48 / (0.57)
PM2110-1R2M-RC
1.2
±20
2
20.3
14.48 / (0.57)
PM2110-1R5M-RC
1.5
±20
2
20.3
14.48 / (0.57)
PM2110-1R8M-RC
1.8
±20
3
18.5
14.48 / (0.57)
PM2110-2R2M-RC
2.2
±20
3
17.2
14.48 / (0.57)
PM2110-2R7M-RC
2.7
±20
4
16.0
14.48 / (0.57)
PM2110-3R3M-RC
3.3
±20
4
16.0
14.48 / (0.57)
PM2110-3R9M-RC
3.9
±20
4
15.1
14.48 / (0.57)
PM2110-4R7M-RC
4.7
±20
4
14.4
14.48 / (0.57)
PM2110-5R6M-RC
5.6
±20
5
13.7
14.48 / (0.57)
PM2110-6R8M-RC
6.8
±20
5
13.1
14.48 / (0.57)
PM2110-8R2M-RC
8.2
±20
6
12.6
14.48 / (0.57)
PM2110-100K-RC
10
±10
7
11.7
14.48 / (0.57)
PM2110-120K-RC
12
±10
7
11.3
14.48 / (0.57)
PM2110-150K-RC
15
±10
8
10.7
14.48 / (0.57)
PM2110-180K-RC
18
±10
9
10.2
14.48 / (0.57)
PM2110-220K-RC
22
±10
10
9.7
14.48 / (0.57)
PM2110-270K-RC
27
±10
14
8.2
13.72 / (0.54)
PM2110-330K-RC
33
±10
19
7.0
13.21 / (0.52)
PM2110-390K-RC
39
±10
20
6.8
15.75 / (0.62)
PM2110-470K-RC
47
±10
22
6.5
15.75 / (0.62)
PM2110-560K-RC
56
±10
24
6.2
15.75 / (0.62)
PM2110-680K-RC
68
±10
27
5.9
15.75 / (0.62)
PM2110-820K-RC
82
±10
29
5.6
15.75 / (0.62)
PM2110-101K-RC
100
±10
32
5.4
15.75 / (0.62)
PM2110-121K-RC
120
±10
35
5.1
15.75 / (0.62)
PM2110-151K-RC
150
±10
49
4.3
14.99 / (0.59)
PM2110-181K-RC
180
±10
66
3.7
13.46 / (0.53)
PM2110-221K-RC
220
±10
74
3.5
15.24 / (0.60)
PM2110-271K-RC
270
±10
82
3.4
15.24 / (0.60)
PM2110-331K-RC
330
±10
90
3.2
15.24 / (0.60)
PM2110-391K-RC
390
±10
98
3.1
15.24 / (0.60)
PM2110-471K-RC
470
±10
133
2.6
14.48 / (0.57)
PM2110-561K-RC
560
±10
146
2.5
14.48 / (0.57)
PM2110-681K-RC
680
±10
202
2.1
13.72 / (0.54)
PM2110-821K-RC
820
±10
221
2.0
15.24 / (0.60)
PM2110-102K-RC
1000
±10
244
1.9
15.24 / (0.60)
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
Typical Part Marking
PM2110-xxxx-RC


Similar Part No. - PM2110-390K-RC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM2110 SCHNEIDER-PM2110 Datasheet
9Mb / 92P
   LED display screen: Intuitive self-guided navigation using three buttons LED display, with three lines of concurrent values.
03/2020
More results

Similar Description - PM2110-390K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM2120-1R0M-RC BOURNS-PM2120-1R0M-RC Datasheet
187Kb / 2P
   High Current SMD Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-5040-H RENCO-RL-5040-H Datasheet
1Mb / 2P
   SMD HIGH CURRENT POWER INDUCTORS
RL-7550-3 RENCO-RL-7550-3 Datasheet
1Mb / 2P
   HIGH CURRENT SMD POWER INDUCTORS
logo
Central Technologies
CTTSMD2120F CT-CTTSMD2120F Datasheet
210Kb / 2P
   High Current SMD Power Inductors
REV 05.31.17
CTTSMD2110F CT-CTTSMD2110F Datasheet
222Kb / 2P
   High Current SMD Power Inductors
REV 05.25.17
logo
Abracon Corporation
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
logo
Frontier Electronics.
MCS0630 FRONTIER-MCS0630 Datasheet
242Kb / 2P
   SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-7500-0 RENCO-RL-7500-0 Datasheet
1Mb / 3P
   SHIELDED HIGH CURRENT SMD POWER INDUCTORS
logo
Abracon Corporation
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
logo
Frontier Electronics.
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
   SMD MOLDED HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com