Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-C75 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZV55-C75
Description  Voltage regulator diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV55-C75 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZV55-C75 Datasheet HTML 4Page - NXP Semiconductors BZV55-C75 Datasheet HTML 5Page - NXP Semiconductors BZV55-C75 Datasheet HTML 6Page - NXP Semiconductors BZV55-C75 Datasheet HTML 7Page - NXP Semiconductors BZV55-C75 Datasheet HTML 8Page - NXP Semiconductors BZV55-C75 Datasheet HTML 9Page - NXP Semiconductors BZV55-C75 Datasheet HTML 10Page - NXP Semiconductors BZV55-C75 Datasheet HTML 11Page - NXP Semiconductors BZV55-C75 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BZV55_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 26 January 2011
8 of 13
NXP Semiconductors
BZV55 series
Voltage regulator diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 6.
Package outline SOD80C
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
BZV55-B2V4 to
BZV55-C75
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - BZV55-C75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-C75 PHILIPS-BZV55-C75 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55-C75 GE-BZV55-C75 Datasheet
294Kb / 7P
   ZENER DIODES
logo
GOOD-ARK Electronics
BZV55-C75 GOOD-ARK-BZV55-C75 Datasheet
313Kb / 7P
   Zener Diodes
logo
NXP Semiconductors
BZV55-C75 NXP-BZV55-C75 Datasheet
77Kb / 12P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZV55-C75 NXP-BZV55-C75 Datasheet
450Kb / 13P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results

Similar Description - BZV55-C75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com