Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3602-250-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM3602-250-RC
Description  SMD Inductor/Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM3602-250-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM3602-250-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM3602-250-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM3602-250-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
14.0
(.551)
11.80 ± 0.10
(.465 ± .004)
0.3
(.012)
1.50 +0.10-0.00
(.059 +.004/-.000)
DIA.
1.50
(.059)
DIA.
MAX.
R
1.0
(.039)
TYP.
R
1.2
(.047)
4.0
(.157)
4.00 ± 0.10
(.157 ± .004)
2.00 ± 0.10
(.079 ± .004)
0.35± 0.05
(.014 ± .002)
1.0
(.039)
4.7
(.185)
3.0
(.118)
5.70 ± 0.10
(.224 ± .004)
3 ° MAX.
1.75 ± 0.10
(.069 ± .004)
15.0
(.591)
11.80 ± 0.10
(.465 ± .004)
11.50 ± 0.10
(.453 ± .004)
24.00 ± 0.30
(.945 ± .012)
5.70 ± 0.10
(.24 ± .004)
PM3602
PM3604
16.6
(.654)
14.10 ± 0.10
(.555 ± .004)
20.00 ± 0.10
(.787 ± .004)
20.00 ± 0.10
(.787 ± .004)
0.3
(.012)
MAX.
R
3.0
(.118)
R
1.50 +-.10/-0.00
(.059 +.004/-000)
DIA.
0.35 ± 0.05
(.014 ± .002)
1.15
(.045)
1.15
(.045)
5.25
(.207)
2.00 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
3.0
(.118)
1.15
(.045)
45 °
5 ° MAX.
5.25
(.207)
1.75 ± 0.10
(,069 ± .004)
16.6
(.654)
14.10 ± 0.10
(.555 ± .004)
7.10 ± 0.10
(.280 ± .004)
24.00 ± 0.30
(.945 ± .012)
11.50 ± 0.10
(.453 ± .004)
4.25
(.167)
7.10 ± 0.10
(.280 ± .004)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM3600 Series - SMD Inductor/Transformer
Packaging Specifications
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PM3602-250-RC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM365 ARTESYN-PM365 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365CE ARTESYN-PM365CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365D ARTESYN-PM365D Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365K ARTESYN-PM365K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM367D ARTESYN-PM367D Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM3602-250-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM600-01-RC BOURNS-PM600-01-RC Datasheet
369Kb / 5P
   SMD Inductor/Transformer
logo
Datatronic Distribution...
DR359-1-471 DATATRONICS-DR359-1-471 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
logo
Sumida Corporation
CLS6D28B SUMIDA-CLS6D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CLS8D28B SUMIDA-CLS8D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
3XF0013-W19 XFMRS-3XF0013-W19_15 Datasheet
45Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
3XF0013-W42 XFMRS-3XF0013-W42_15 Datasheet
43Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com