Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4051BTS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4051BTS
Description  8-channel analog multiplexer/demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4051BTS Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4051BTS Datasheet HTML 1Page - NXP Semiconductors HEF4051BTS Datasheet HTML 2Page - NXP Semiconductors HEF4051BTS Datasheet HTML 3Page - NXP Semiconductors HEF4051BTS Datasheet HTML 4Page - NXP Semiconductors HEF4051BTS Datasheet HTML 5Page - NXP Semiconductors HEF4051BTS Datasheet HTML 6Page - NXP Semiconductors HEF4051BTS Datasheet HTML 7Page - NXP Semiconductors HEF4051BTS Datasheet HTML 8Page - NXP Semiconductors HEF4051BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The HEF4051B is an 8-channel analog multiplexer/demultiplexer with three address
inputs (S1 to S3), an active LOW enable input (E), eight independent inputs/outputs
(Y0 to Y7) and a common input/output (Z). The device contains eight bidirectional analog
switches, each with one side connected to an independent input/output (Y0 to Y7) and the
other side connected to a common input/output (Z). With E LOW, one of the eight
switches is selected (low-impedance ON-state) by S1 to S3. With E HIGH, all switches
are in the high-impedance OFF-state, independent of S1 to S3. If break before make is
needed, then it is necessary to use the enable input.
VDD and VSS are the supply voltage connections for the digital control inputs (S1 to S3,
and E). The VDD to VSS range is 3 V to 15 V. The analog inputs/outputs (Y0 to Y7, and Z)
can swing between VDD as a positive limit and VEE as a negative limit. VDD  VEE may not
exceed 15 V. Unused inputs must be connected to VDD, VSS, or another input. For
operation as a digital multiplexer/demultiplexer, VEE is connected to VSS (typically
ground). VEE and VSS are the supply voltage connections for the switches.
2.
Features and benefits
Fully static operation
5 V, 10 V, and 15 V parametric ratings
Standardized symmetrical output characteristics
Specified from
40 C to +85 C and 40 C to +125 C
Complies with JEDEC standard JESD 13-B
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
HEF4051B
8-channel analog multiplexer/demultiplexer
Rev. 10 — 17 November 2011
Product data sheet


Similar Part No. - HEF4051BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051BTS NXP-HEF4051BTS Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
More results

Similar Description - HEF4051BTS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com