Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5022S-102M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM5022S-102M-RC
Description  Shielded Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM5022S-102M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM5022S-102M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM5022S-102M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12.7
(.500)
18.3 ± 0.3
(.720 ± .012)
13.0 ± 0.3
(.512 ± .012)
3.0
(.118)
2.5 ± 0.2
(.098 ± .008)
6.8 ± 0.3
(.268 ± .012)
14.0 ± 0.3
(.551 ± .012)
2.9
(.114)
REF.
REF.
REF.
2.6 ± 0.2
(.102 ± .008)
Features
Formerly
model
Available in E12 series
Unit height of 6.8 mm
Current up to 8 A Isat
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM5022S Series - Shielded Power Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage ....................................0.1 V
Reflow soldering .... 250 °C; 10 sec max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-45 °C to +125 °C
Resistance to Soldering Heat
.......................... 250 °C, 10 sec. max.
Materials
Core......................................Ferrite core
Wire ............................Enameled copper
Base .....................................LCP E4008
Terminal ....................................Cu/Ni/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................... 250 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
RDC
I rms
I sat
Q
Frequency
Typ.
-20 %
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(
Ω)
(A)
(A)
PM5022S-100M-RC
10
± 20
56
2.52
19.0
0.033
4.00
8.20
PM5022S-150M-RC
15
± 20
53
2.52
17.5
0.039
3.60
7.20
PM5022S-220M-RC
22
± 20
51
2.52
16.0
0.053
3.00
6.20
PM5022S-330M-RC
33
± 20
44
2.52
10.0
0.083
2.50
5.00
PM5022S-470M-RC
47
± 20
40
2.52
8.0
0.110
2.00
4.20
PM5022S-680M-RC
68
± 20
37
2.52
6.0
0.170
1.60
3.40
PM5022S-101M-RC
100
± 20
40
0.796
4.6
0.270
1.30
2.60
PM5022S-151M-RC
150
± 20
39
0.796
4.3
0.400
1.05
2.30
PM5022S-221M-RC
220
± 20
29
0.796
3.5
0.510
1.00
1.90
PM5022S-331M-RC
330
± 20
30
0.796
3.0
0.790
0.80
1.40
PM5022S-471M-RC
470
± 20
27
0.796
2.4
1.000
0.64
1.30
PM5022S-681M-RC
680
± 20
19
0.796
2.1
1.470
0.54
1.10
PM5022S-102M-RC
1000
± 20
46
0.796
1.5
2.160
0.45
0.90
Electrical Schematic
Soldering Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(seconds)
<2> Max. of 30 seconds > 220 °C
<1> Max. of 10 seconds at 250 °C
250 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum


Similar Part No. - PM5022S-102M-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM5022S-102M ETC2-PM5022S-102M Datasheet
129Kb / 1P
   Shielded, SMT Power Inductors
More results

Similar Description - PM5022S-102M-RC

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com