Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ2.7B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDZ2.7B
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ2.7B Datasheet(HTML) 6 Page - NXP Semiconductors

  PDZ2.7B Datasheet HTML 1Page - NXP Semiconductors PDZ2.7B Datasheet HTML 2Page - NXP Semiconductors PDZ2.7B Datasheet HTML 3Page - NXP Semiconductors PDZ2.7B Datasheet HTML 4Page - NXP Semiconductors PDZ2.7B Datasheet HTML 5Page - NXP Semiconductors PDZ2.7B Datasheet HTML 6Page - NXP Semiconductors PDZ2.7B Datasheet HTML 7Page - NXP Semiconductors PDZ2.7B Datasheet HTML 8Page - NXP Semiconductors PDZ2.7B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004 Mar 22
6
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
GRAPHICAL DATA
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
Tamb (°C)
Ptot
(mW)
500
400
300
100
0
200
150
MBK245
Tj = 25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0.6
1
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Fig.4
Temperature coefficient as a function of
working current; typical values.
PDZ2.4B to PDZ4.3B.
Tj = 25 °C to 150 °C.
handbook, halfpage
060
0
−2
−3
−1
MGL273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
Fig.5
Temperature coefficient as a function of
working current; typical values.
PDZ4.7B to PDZ12B.
Tj = 25 °C to 150 °C.
handbook, halfpage
020
16
10
0
−5
5
MGL274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1


Similar Part No. - PDZ2.7B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ2.7B PHILIPS-PDZ2.7B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
PDZ2.7B NXP-PDZ2.7B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ2.7B NEXPERIA-PDZ2.7B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
PDZ2.7B-Q NEXPERIA-PDZ2.7B-Q Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
PDZ2.7BGW NEXPERIA-PDZ2.7BGW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
More results

Similar Description - PDZ2.7B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com