Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG1030EJ115 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG1030EJ115
Description  10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG1030EJ115 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG1030EJ115 Datasheet HTML 2Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 3Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 4Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 5Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 6Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 7Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 8Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 9Page - NXP Semiconductors PMEG1030EJ115 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NXP Semiconductors
PMEG1030EH; PMEG1030EJ
10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
© NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 15 January 2010
Document identifier: PMEG1030EH_EJ_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Packing information . . . . . . . . . . . . . . . . . . . . . 5
10
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
12.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13
Contact information. . . . . . . . . . . . . . . . . . . . . . 8
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


Similar Part No. - PMEG1030EJ115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EJ PHILIPS-PMEG1030EJ Datasheet
56Kb / 9P
   10V, 3 A ULTRA LOW V-f MEGA SCHOTTKY BARRIER RECTIFIERS
Rev. 03-2 June 2005
PMEG1030EJ PHILIPS-PMEG1030EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG1030EJ NEXPERIA-PMEG1030EJ Datasheet
182Kb / 8P
   10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
More results

Similar Description - PMEG1030EJ115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EH NXP-PMEG1030EH_10 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH PHILIPS-PMEG1030EH_15 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com