Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1825JET100 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1825JET100
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1825JET100 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1825JET100 Datasheet HTML 7Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 8Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 9Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 10Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 11Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 12Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 13Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 14Page - NXP Semiconductors LPC1825JET100 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 31 October 2012
11 of 147
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
P1_9
T7
J5
52
73
[2]
N;
PU
I/O
GPIO1[2] — General purpose digital input/output pin.
O
U1_RTS — Request to Send output for UART1.
O
CTOUT_11 — SCT output 11. Match output 3 of
timer 2.
I/O
EMC_D2 — External memory data line 2.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_DAT0 — SD/MMC data bus line 0.
P1_10
R8
H6
53
75
[2]
N;
PU
I/O
GPIO1[3] — General purpose digital input/output pin.
I
U1_RI — Ring Indicator input for UART1.
O
CTOUT_14 — SCT output 14. Match output 2 of timer 3.
I/O
EMC_D3 — External memory data line 3.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_DAT1 — SD/MMC data bus line 1.
P1_11
T9
J7
55
77
[2]
N;
PU
I/O
GPIO1[4] — General purpose digital input/output pin.
I
U1_CTS — Clear to Send input for UART1.
O
CTOUT_15 — SCT output 15. Match output 3 of timer 3.
I/O
EMC_D4 — External memory data line 4.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_DAT2 — SD/MMC data bus line 2.
P1_12
R9
K7
56
78
[2]
N;
PU
I/O
GPIO1[5] — General purpose digital input/output pin.
I
U1_DCD — Data Carrier Detect input for UART1.
-
R — Function reserved.
I/O
EMC_D5 — External memory data line 5.
I
T0_CAP1 — Capture input 1 of timer 0.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_DAT3 — SD/MMC data bus line 3.
Table 3.
Pin description …continued
Pin name
Description


Similar Part No. - LPC1825JET100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1825JET100 NXP-LPC1825JET100 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1825JET100 NXP-LPC1825JET100 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1825JET100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com