Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4030ER Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG4030ER
Description  3 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4030ER Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG4030ER Datasheet HTML 4Page - NXP Semiconductors PMEG4030ER Datasheet HTML 5Page - NXP Semiconductors PMEG4030ER Datasheet HTML 6Page - NXP Semiconductors PMEG4030ER Datasheet HTML 7Page - NXP Semiconductors PMEG4030ER Datasheet HTML 8Page - NXP Semiconductors PMEG4030ER Datasheet HTML 9Page - NXP Semiconductors PMEG4030ER Datasheet HTML 10Page - NXP Semiconductors PMEG4030ER Datasheet HTML 11Page - NXP Semiconductors PMEG4030ER Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PMEG4030ER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 August 2009
8 of 13
NXP Semiconductors
PMEG4030ER
3 A low VF MEGA Schottky barrier rectifier
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 11. Average forward current as a function of
ambient temperature; typical values
Fig 12. Average forward current as a function of
solder point temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aab664
1.5
3.0
4.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aab665
1.5
3.0
4.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG4030ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030ER NXP-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
PMEG4030ER NEXPERIA-PMEG4030ER Datasheet
262Kb / 13P
   40 V, 3 A low VF Schottky barrier rectifier
23 January 2023
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
   40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
More results

Similar Description - PMEG4030ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG6030EP PHILIPS-PMEG6030EP Datasheet
268Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-21 January 2010
PMEG4030ER NXP-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
logo
Nexperia B.V. All right...
PMEG4030ETP NEXPERIA-PMEG4030ETP Datasheet
234Kb / 13P
   40 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG050V030EPD NEXPERIA-PMEG050V030EPD Datasheet
706Kb / 13P
   50 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
   60 V, 3 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com