Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR6016 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 4Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Preliminary
APR6016 Data Sheet
Page 8
Voice Recording & Playback Device
Revision 1.0
Receiving Device Information
The device communicates data to the user by shifting out
data on the DO pin. The device will shift out data according to
the timing parameters given in figure 7. The device can shift
out three different types of data streams: Device status, Sili-
con ID, and user stored digital data. Device status and silicon
ID are described in the next two sections. Retrieval of user
data is described in the Reading Digital Data section.
Figure 7
Data Out Timing
Current Device Status (CDS)
As described in the previous section, three different types of
data streams are shifted out on the DO pin as data is shifted
in on the DI pin. One of these streams is the current device
status. The CDS will be shifted out unless the previous com-
mand is SID command. Figure 8 shows the format of the
CDS bit stream. The first bit shifted out, D0, is the Overflow
flag. The Overflow flag is set to a binary 1 if an attempt was
made to record beyond the available memory. The Overflow
flag is set to a 0 if an overflow has not occurred. This flag is
cleared after it has been read. The D1 bit is the End of Data
flag. The EOD flag is set when the device stops playing, or
fast forwarding as a result of an EOD bit in memory. The EOD
flag is cleared after it has been read. The D2 bit is the Illegal
Address flag. The Illegal Address flag is set whenever an ille-
gal address is sent to the device. The D3 bit is the Lbat flag.
This flag is set when the device senses a supply voltage
below specification. The D4 bit is not used and should be
ignored. The last fifteen bits represent the address of the cur-
rent or last active sector.
Figure 8 Format for CDS Bit Stream
Op4
Op3
Op2
Op1
A1
A2
A0
/CS
SCLK
DI
D0
D1
D2
D18
D17
D19
D16
D3
~
~
~~
~
~
DO
TfcsDO
TfSCLK
ThzD0
D15
~~
A3
Lbat
OVF
EOD
Illegal Address
D0
D1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D2
~
~
D19
First bit shifted out
Last bit shifted out
Sector Address
Sector
Address MSB
Sector
Address LSB


Similar Part No. - APR6016

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
   16 min Recording & Playback Voice IC
More results

Similar Description - APR6016

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
   16 min Recording & Playback Voice IC
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com