Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CH Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM10CH
Description  LM10 Operational Amplifier and Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10CH Datasheet(HTML) 2 Page - Texas Instruments

  LM10CH Datasheet HTML 1Page - Texas Instruments LM10CH Datasheet HTML 2Page - Texas Instruments LM10CH Datasheet HTML 3Page - Texas Instruments LM10CH Datasheet HTML 4Page - Texas Instruments LM10CH Datasheet HTML 5Page - Texas Instruments LM10CH Datasheet HTML 6Page - Texas Instruments LM10CH Datasheet HTML 7Page - Texas Instruments LM10CH Datasheet HTML 8Page - Texas Instruments LM10CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM10
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
www.ti.com
Figure 3. PDIP Package (P)
Figure 4.
See Package Number P (R-PDIP-T8)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
LM10/LM10B/
LM10BL/
LM10C
LM10CL
Total Supply Voltage
45V
7V
Differential Input Voltage(4)
±40V
±7V
Power Dissipation(5)
internally limited
Output Short-circuit Duration(6)
continuous
Storage-Temp. Range
−55°C to +150°C
Lead Temp. (Soldering, 10 seconds)
TO
300°C
Lead Temp. (Soldering, 10 seconds) DIP
260°C
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD rating is to be determined.
Maximum Junction Temperature
LM10
150°C
LM10B
100°C
LM10C
85°C
(1)
Refer to RETS10X for LM10H military specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the
maximum differential input voltage and excess dissipation is accounted for when VIN<V
.
(5)
The maximum, operating-junction temperature is 150°C for the LM10, 100°C for the LM10B(L) and 85°C for the LM10C(L). At elevated
temperatures, devices must be derated based on package thermal resistance.
(6)
Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress
with a shorted output and worst-case conditions.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM10


Similar Part No. - LM10CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CH NSC-LM10CH Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10CH LINER-LM10CH Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10CH NSC-LM10CH Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
LM10CH NSC-LM10CH Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CH TI1-LM10CH Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
More results

Similar Description - LM10CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10_14 Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com