Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM10CH
Description  LM10 Operational Amplifier and Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10CH Datasheet(HTML) 3 Page - Texas Instruments

  LM10CH Datasheet HTML 1Page - Texas Instruments LM10CH Datasheet HTML 2Page - Texas Instruments LM10CH Datasheet HTML 3Page - Texas Instruments LM10CH Datasheet HTML 4Page - Texas Instruments LM10CH Datasheet HTML 5Page - Texas Instruments LM10CH Datasheet HTML 6Page - Texas Instruments LM10CH Datasheet HTML 7Page - Texas Instruments LM10CH Datasheet HTML 8Page - Texas Instruments LM10CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM10
www.ti.com
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
Operating Ratings
Package Thermal Resistance
θJA
NEV Package
150°C/W
P Package
87°C/W
NPA Package
90°C/W
θJC
NEV Package
45°C/W
Electrical Characteristics
TJ=25°C, TMIN≤TJ≤TMAX (Boldface type refers to limits over temperature range)
(1)
Parameter
Conditions
LM10/LM10B
LM10C
Units
Min
Typ
Max
Min
Typ
Max
Input offset voltage
0.3
2.0
0.5
4.0
mV
3.0
5.0
mV
Input offset current(2)
0.25
0.7
0.4
2.0
nA
1.5
3.0
nA
Input bias current
10
20
12
30
nA
30
40
nA
Input resistance
250
500
150
400
k
Ω
150
115
k
Ω
Large signal voltage
VS=±20V, IOUT=0
120
400
80
400
V/mV
gain
VOUT=±19.95V
80
50
V/mV
VS=±20V, VOUT=±19.4V
50
130
25
130
V/mV
IOUT=±20 mA (±15 mA)
20
15
V/mV
VS=±0.6V (0.65V), IOUT=±2 mA
1.5
3.0
1.0
3.0
V/mV
VOUT=±0.4V (±0.3V), VCM=−0.4V
0.5
0.75
V/mV
Shunt gain(3)
1.2V (1.3V)
≤VOUT≤40V,
14
33
10
33
V/mV
RL=1.1 kΩ
0.1 mA
≤IOUT≤5 mA
6
6
V/mV
1.5V
≤V+≤40V, RL=250Ω
8
25
6
25
V/mV
0.1 mA
≤IOUT≤20 mA
4
4
V/mV
Common-mode
−20V≤VCM≤19.15V (19V)
93
102
90
102
dB
rejection
VS=±20V
87
87
dB
Supply-voltage
−0.2V≥V≥−39V
90
96
87
96
dB
rejection
V+=1.0V (1.1V)
84
84
dB
1.0V (1.1V)
≤V+≤39.8V
96
106
93
106
dB
V=
−0.2V
90
90
dB
Offset voltage drift
2.0
5.0
μV/°C
Offset current drift
2.0
5.0
pA/°C
Bias current drift
TC<100°C
60
90
pA/°C
Line regulation
1.2V (1.3V)
≤VS≤40V
0.001
0.003
0.001
0.008
%/V
0
≤IREF≤1.0 mA, VREF=200 mV
0.006
0.01
%/V
(1)
These specifications apply for V
≤VCM≤V
+−0.85V (1.0V), 1.2V (1.3V) <V
S≤VMAX, VREF=0.2V and 0≤IREF≤1.0 mA, unless otherwise
specified: VMAX=40V for the standard part and 6.5V for the low voltage part. Normal typeface indicates 25°C limits. Boldface type
indicates limits and altered test conditions for full-temperature-range operation; this is
−55°C to 125°C for the LM10, −25°C to
85°C for the LM10B(L) and 0°C to 70°C for the LM10C(L). The specifications do not include the effects of thermal gradients (
τ1≃20 ms),
die heating (
τ2≃0.2s) or package heating. Gradient effects are small and tend to offset the electrical error (see curves).
(2)
For TJ>90°C, IOS may exceed 1.5 nA for VCM=V
. With T
J=125°C and V
≤V
CM≤V
+0.1V, I
OS≤5 nA.
(3)
This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+
terminal of the IC and input common mode is referred to V(see Typical Applications). Effect of larger output-voltage swings with higher
load resistance can be accounted for by adding the positive-supply rejection error.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10


Similar Part No. - LM10CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CH NSC-LM10CH Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10CH LINER-LM10CH Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10CH NSC-LM10CH Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
LM10CH NSC-LM10CH Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CH TI1-LM10CH Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
More results

Similar Description - LM10CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10_14 Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com