Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM334
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM334 Datasheet(HTML) 2 Page - Texas Instruments

  LM334 Datasheet HTML 1Page - Texas Instruments LM334 Datasheet HTML 2Page - Texas Instruments LM334 Datasheet HTML 3Page - Texas Instruments LM334 Datasheet HTML 4Page - Texas Instruments LM334 Datasheet HTML 5Page - Texas Instruments LM334 Datasheet HTML 6Page - Texas Instruments LM334 Datasheet HTML 7Page - Texas Instruments LM334 Datasheet HTML 8Page - Texas Instruments LM334 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
V+ to VForward Voltage
LM134/LM234/LM334
40V
LM234-3/LM234-6
30V
V+ to VReverse Voltage
20V
R Pin to VVoltage
5V
Set Current
10 mA
Power Dissipation
400 mW
ESD Susceptibility(3)
2000V
Operating Temperature Range(4)
LM134
−55°C to +125°C
LM234/LM234-3/LM234-6
−25°C to +100°C
LM334
0°C to +70°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
For elevated temperature operation, TJ max is:
LM134
150°C
LM234
125°C
LM334
100°C
See Thermal Characteristics.
Thermal Characteristics
over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO
SOIC-8
θja (Junction to Ambient)
180°C/W (0.4
″ leads)
440°C/W
165°C/W
160°C/W (0.125
″ leads)
θjc (Junction to Case)
N/A
32°C/W
80°C/W
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM334

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM334 NSC-LM334 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM334 STMICROELECTRONICS-LM334 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM334 STMICROELECTRONICS-LM334 Datasheet
904Kb / 10P
   2.5V VOLTAGE REFERENCES
LM334 STMICROELECTRONICS-LM334 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM334 NSC-LM334 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
More results

Similar Description - LM334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI1-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com