Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1971MX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM1971MX
Description  LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1971MX Datasheet(HTML) 4 Page - Texas Instruments

  LM1971MX Datasheet HTML 1Page - Texas Instruments LM1971MX Datasheet HTML 2Page - Texas Instruments LM1971MX Datasheet HTML 3Page - Texas Instruments LM1971MX Datasheet HTML 4Page - Texas Instruments LM1971MX Datasheet HTML 5Page - Texas Instruments LM1971MX Datasheet HTML 6Page - Texas Instruments LM1971MX Datasheet HTML 7Page - Texas Instruments LM1971MX Datasheet HTML 8Page - Texas Instruments LM1971MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM1971
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Pin Descriptions
VREFIN (1): The VREFIN pin provides the reference for the analog input signal. This pin should be biased at half of
the supply voltage, VDD, as shown in Figure 1 and Figure 19.
OUT (2): The attenuated analog output signal comes from this pin.
GND (3): The GND pin references the digital input signals and is the lower voltage reference for the IC.
Typically this pin would be labeled “VSS” but the ground reference for the digital logic input control is tied to
this same point. With a higher pin-count there would generally be separate pins for these functions; VSS
and Logic Ground. It is intended that the LM1971 always be operated using a single voltage supply
configuration, for which pin 3 (GND) should always be at system ground. If a bipolar or split-supply
configuration are desired, level shifting circuitry is needed for the digital logic control pins as they would be
referenced through pin 3 which would be at the negative supply. It is highly recommended, however, that
the LM1971 be used in a unipolar or single-supply configuration.
LOAD (4): The LOAD input accepts a TTL or CMOS level signal. This is the enable pin of the device, allowing
data to be clocked in while this input is low (0V). The GND pin is the reference for this signal.
DATA (5): The DATA input accepts a TTL or CMOS level signal. This pin is used to accept serial data from a
microcontroller that will be latched and decoded to change the channel's attenuation level. The GND pin is
the reference for this signal.
CLOCK (6): The CLOCK input accepts a TTL or CMOS level signal. The clock input is used to load data into the
internal shift register on the rising edge of the input clock waveform. The GND pin is the reference for this
signal.
VDD (7): The positive voltage supply should be placed to this pin.
IN (8): The analog input signal should be placed to this pin.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1971


Similar Part No. - LM1971MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1971MX TI1-LM1971MX Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971MX/NOPB TI1-LM1971MX/NOPB Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
More results

Similar Description - LM1971MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Texas Instruments
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
STMicroelectronics
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1994
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
   Digitally controlled audio processor
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
   Digitally controlled audio processor
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com