Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL187-391J-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RL187-391J-RC
Description  Radial Lead RF Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RL187-391J-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RL187-391J-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.62
(.024)
DIA.
5.0
(.197)
11.2
(.441)
MAX.
5.0
(.197)
8.0
(.315)
MAX.
Features
Formerly
model
Current rating up to 200 mA
Inductance range: 100 µH to 33,000 µH
High Q
RoHS compliant*
Applications
DC/DC converters
Power supplies
Desktop notebooks
Output chokes
RL187 Series - Radial Lead RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
Test Frequency
SRF
DCR
Part
Inductance
Q
(MHz)
(
Ω)
I dc
Number
(µH)
Tol.
(Min.)
L
Q
Typ.
Max.
(mA)
RL187-101J-RC
100
±5 %
80
796 KHz
796 KHz
5.3
2.0
200
RL187-121J-RC
120
±5 %
80
796 KHz
796 KHz
4.5
2.0
200
RL187-151J-RC
150
±5 %
80
796 KHz
796 KHz
3.8
2.0
200
RL187-181J-RC
180
±5 %
80
796 KHz
796 KHz
3.3
3.0
200
RL187-221J-RC
220
±5 %
80
796 KHz
796 KHz
2.9
3.0
200
RL187-271J-RC
270
±5 %
80
796 KHz
796 KHz
2.6
3.0
200
RL187-331J-RC
330
±5 %
80
796 KHz
796 KHz
2.3
4.0
200
RL187-391J-RC
390
±5 %
80
796 KHz
796 KHz
2.1
4.0
200
RL187-471J-RC
470
±5 %
80
796 KHz
796 KHz
1.9
4.0
200
RL187-561J-RC
560
±5 %
80
796 KHz
796 KHz
1.7
4.0
200
RL187-681J-RC
680
±5 %
80
796 KHz
796 KHz
1.6
4.0
200
RL187-821J-RC
820
±5 %
80
796 KHz
796 KHz
1.4
6.0
200
RL187-102J-RC
1000
±5 %
90
252 KHz
252 KHz
1.3
6.0
150
RL187-122J-RC
1200
±5 %
90
252 KHz
252 KHz
1.2
9.0
150
RL187-152J-RC
1500
±5 %
90
252 KHz
252 KHz
1.1
9.0
150
RL187-182J-RC
1800
±5 %
90
252 KHz
252 KHz
1.0
9.0
100
RL187-222J-RC
2200
±5 %
90
252 KHz
252 KHz
0.9
13
100
RL187-272J-RC
2700
±5 %
90
252 KHz
252 KHz
0.8
13
100
RL187-332J-RC
3300
±5 %
90
252 KHz
252 KHz
0.7
13
100
RL187-392J-RC
3900
±5 %
90
252 KHz
252 KHz
0.6
13
50
RL187-472J-RC
4700
±5 %
90
252 KHz
252 KHz
0.6
18
50
RL187-562J-RC
5600
±5 %
90
252 KHz
252 KHz
0.5
18
50
RL187-682J-RC
6800
±5 %
90
252 KHz
252 KHz
0.5
26
50
RL187-822J-RC
8200
±5 %
90
252 KHz
252 KHz
0.4
26
50
RL187-103J-RC
10,000
±5 %
100
79.6 KHz
79.6 KHz
0.4
40
40
RL187-123J-RC
12,000
±5 %
100
79.6 KHz
79.6 KHz
0.4
40
40
RL187-153J-RC
15,000
±5 %
100
79.6 KHz
79.6 KHz
0.4
60
40
RL187-183J-RC
18,000
±5 %
100
79.6 KHz
79.6 KHz
0.3
60
30
RL187-223J-RC
22,000
±5 %
100
79.6 KHz
79.6 KHz
0.3
80
30
RL187-273J-RC
27,000
±5 %
100
79.6 KHz
79.6 KHz
0.3
80
30
RL187-333J-RC
33,000
±5 %
100
79.6 KHz
79.6 KHz
0.3
80
30
DIMENSIONS:
MM
(INCHES)
General Specifications
Rated Current ...... Inductance drop 10 %
Operating Temperature
................................-55 °C to +105 °C
Storage Temperature
................................-55 °C to +105 °C
Materials
Core Material ................................Ferrite
Wire ...........................Enameled copper
Terminal Coating.................................Sn
Marking
............Value code on side of inductor
Packaging
Standard ...................... 100 pcs. per bag
Product Dimensions
How To Order
RL187 - 472J - RC
Model
Value/Tolerance Code (see table)
Compliance Code
RC = RoHS Compliant
Example:
RL187-472J-RC = 4700 µH, ±5 %
REV. 02/09
Electrical Schematic


Similar Part No. - RL187-391J-RC

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL1812A RUILON-RL1812A Datasheet
732Kb / 5P
   Metal Oxide Varistors
RL1812A101K RUILON-RL1812A101K Datasheet
732Kb / 5P
   Metal Oxide Varistors
RL1812A121K RUILON-RL1812A121K Datasheet
732Kb / 5P
   Metal Oxide Varistors
RL1812A151K RUILON-RL1812A151K Datasheet
732Kb / 5P
   Metal Oxide Varistors
RL1812A181K RUILON-RL1812A181K Datasheet
732Kb / 5P
   Metal Oxide Varistors
More results

Similar Description - RL187-391J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
RL824-100K-RC BOURNS-RL824-100K-RC Datasheet
182Kb / 1P
   Radial Lead RF Choke
RL875S-100L-RC BOURNS-RL875S-100L-RC Datasheet
154Kb / 1P
   Radial Lead RF Choke
RL895-100M-RC BOURNS-RL895-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
6100-100K-RC BOURNS-6100-100K-RC Datasheet
216Kb / 1P
   Radial Lead RF Choke
RL110S-100M-RC BOURNS-RL110S-100M-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL875-100M-RC BOURNS-RL875-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com