Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586T-3.3 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2586T-3.3
Description  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2586T-3.3 Datasheet(HTML) 4 Page - Texas Instruments

  LM2586T-3.3 Datasheet HTML 1Page - Texas Instruments LM2586T-3.3 Datasheet HTML 2Page - Texas Instruments LM2586T-3.3 Datasheet HTML 3Page - Texas Instruments LM2586T-3.3 Datasheet HTML 4Page - Texas Instruments LM2586T-3.3 Datasheet HTML 5Page - Texas Instruments LM2586T-3.3 Datasheet HTML 6Page - Texas Instruments LM2586T-3.3 Datasheet HTML 7Page - Texas Instruments LM2586T-3.3 Datasheet HTML 8Page - Texas Instruments LM2586T-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM2586
SNVS121D – MAY 1996 – REVISED APRIL 2013
www.ti.com
LM2586-5.0 (continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
165
99/49
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
LM2586-12
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 21 (1)
VOUT
Output Voltage
VIN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
ILOAD = 0.2A to 0.8A
ΔVOUT/
Line Regulation
VIN = 4V to 10V ILOAD = 0.2A
20
100/200
mV
ΔVIN
ΔVOUT/
Load Regulation
VIN = 10V
20
100/200
mV
ΔILOAD
ILOAD = 0.2A to 0.8A
η
Efficiency
VIN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (2)
VREF
Output Reference
Measured at Feedback Pin
12.0
11.79/11.76
12.21/12.24
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
7.8
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
0.328
0.186
0.621
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
70
41/21
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2586 is used as shown in Figure 20 and Figure 21, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
4
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: LM2586


Similar Part No. - LM2586T-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2586T-3.3 NSC-LM2586T-3.3 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586T-3.3 NSC-LM2586T-3.3 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-3.3/NOPB TI1-LM2586T-3.3/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

Similar Description - LM2586T-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com