Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852YMXAX-1.2 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2852YMXAX-1.2
Description  LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2852YMXAX-1.2 Datasheet(HTML) 2 Page - Texas Instruments

  LM2852YMXAX-1.2 Datasheet HTML 1Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 2Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 3Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 4Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 5Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 6Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 7Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 8Page - Texas Instruments LM2852YMXAX-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
EN
SGND
SS
NC
PVIN
PVIN
SNS
NC
NC
PGND
PGND
SW
SW
AVIN
LM2852
1
2
3
4
5
7
6
14
13
12
11
10
8
9
ILOAD (A)
0.1
1.0
10
84
86
88
90
92
94
96
PVIN = 3.3V
LM2852
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
Figure 1. Efficiency vs ILOAD
Connection Diagram
Figure 2. 14-Pin HTSSOP – Top View
See Package Number PWP0014A
PIN DESCRIPTIONS
AVIN (Pin 1): Chip bias input pin. This provides power to the logic of the chip. Connect to the input voltage or a separate rail.
EN (Pin 2): Enable. Connect this pin to ground to disable the chip; connect to AVIN or leave floating to enable the chip; enable is internally
pulled up.
SGND (Pin 3): Signal ground.
SS (Pin 4): Soft-start pin. Connect this pin to a small capacitor to control startup. The soft-start capacitance range is restricted to values 1
nF to 50 nF.
NC (Pins 5, 12 and 13): No connect. These pins must be tied to ground or left floating in the application.
PVIN (Pins 6, 7): Input supply pin. PVIN is connected to the input voltage. This rail connects to the source of the internal power PFET.
SW (Pins 8, 9): Switch pin. Connect to the output inductor.
PGND (Pins 10, 11): Power ground. Connect this to an internal ground plane or other large ground plane.
SNS (Pin 14): Output voltage sense pin. Connect this pin to the output voltage as close to the load as possible.
Exposed Pad: Connect to ground.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2852


Similar Part No. - LM2852YMXAX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXAX-1.2 NSC-LM2852YMXAX-1.2 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXAX-1.2 NSC-LM2852YMXAX-1.2 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXAX-1.2 TI1-LM2852YMXAX-1.2 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXAX-1.2/NOPB TI1-LM2852YMXAX-1.2/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXAX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com